CS321613-R47K
AI

The **CS321613-R47K** is a surface-mount multilayer chip inductor. It is a passive electronic component designed to store energy in a magnetic field, typically used for noise filtering and signal conditioning in compact electronic circuits.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
| Code | Meaning | Description |
| :--- | :--- | :--- |
| **CS** | Series | Multilayer Chip Inductor |
| **3216** | Size (Metric) | 3.2mm x 1.6mm (Equivalent to **1206** Imperial size) |
| **13** | Thickness | Approximately 1.3mm |
| **R47** | Inductance Value | 0.47 µH (Microhenries) |
| **K** | Tolerance | ±10% |
---
### 2. Technical Specifications
The typical electrical parameters for this class of inductor are as follows:
* **Inductance:** 0.47 µH
* **Tolerance:** ±10%
* **Test Frequency:** Usually measured at 25 MHz
* **DC Resistance (DCR):** Low (typically < 0.30 Ω) to minimize power loss.
* **Rated Current:** The maximum current it can handle before overheating or saturating (typically 200mA - 300mA for this size).
* **Operating Temperature:** Generally -55°C to +125°C.
---
### 3. Key Features and Construction
* **Multilayer Technology:** Unlike wire-wound inductors, these are made by layering conductive paste and ceramic material. This results in a monolithic, solid structure that is highly reliable.
* **Magnetic Shielding:** The closed magnetic circuit minimizes crosstalk and electromagnetic interference (EMI) with surrounding components.
* **Solderability:** Features nickel-barrier terminations with a tin plating layer, making it compatible with both flow and reflow soldering processes.
---
### 4. Applications
This component is commonly found in:
1. **Mobile Electronics:** Smartphones and tablets for power supply decoupling.
2. **EMI Suppression:** Filtering high-frequency noise in signal lines.
3. **Computer Peripherals:** Used in motherboards and video cards to stabilize voltage.
4. **Communication Equipment:** Small-scale RF circuits and Bluetooth modules.
- ⤷
What is the difference between a multilayer inductor and a wire-wound inductor?
- ⤷ How does the 1206 package size affect PCB layout requirements?
- ⤷ Can this inductor be used in high-current power applications?