Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CSA-RPSM-216-SAFB

  • AI
    The **CSA-RPSM-216-SAFB** is a specialized power supply module designed primarily for industrial automation and architectural lighting control systems, specifically within the **Crestron** ecosystem. It is a 16-channel power supply used to drive shaded motors or low-voltage DC devices. --- ### Core Specifications The following table outlines the primary electrical and physical characteristics of the module: | Component / Feature | Specification | | :--- | :--- | | **Input Voltage** | 100-240V AC, 50/60 Hz | | **Output Voltage** | 24V DC (Regulated) | | **Number of Channels** | 16 Independent Outputs | | **Max Power per Channel** | ~35 Watts | | **Total Power Capacity** | 216 Watts (Shared) | | **Protection** | Overcurrent, Short Circuit, Thermal | | **Mounting** | CAEN Enclosure (Surface or Flush) | --- ### Electronic Components & Architecture The internal circuitry is designed for high reliability and clean power delivery to sensitive electronic motors. #### 1. Power Conversion Stage (AC to DC) The module uses a **Switching Mode Power Supply (SMPS)** architecture. This involves: * **EMI Filtering:** Suppresses electromagnetic interference from the AC line. * **Rectification & PFC:** Converts AC to high-voltage DC and uses Power Factor Correction to improve efficiency. * **Transformer:** High-frequency isolation transformer to step down voltage to 24V DC safely. #### 2. Power Distribution & Protection Each of the 16 outputs is electronically monitored: * **Auto-Resetting Fuses (PTCs):** Unlike traditional glass fuses, these electronic components trip during a fault and reset once the short is removed or the heat dissipates. * **Voltage Regulation:** Ensures that even if multiple motors start simultaneously, the voltage remains stable at 24V to prevent "brown-out" resets in the motor controllers. #### 3. Communication Interface The module includes a **Cresnet** or proprietary control port. This allows the electronic system to: * Report status to a central processor. * Monitor for "Fault" conditions via LED indicators on the front panel. --- ### Termination & Wiring Logic The electronic connections are segmented to prevent wiring errors: 1. **High Voltage Section:** Dedicated terminal block for Line, Neutral, and Ground. 2. **Low Voltage Section:** 16 sets of 2-pin terminals. 3. **LED Diagnostic Array:** A bank of LEDs that provides visual feedback on the health of each specific output channel. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for connecting Crestron shade motors to this unit?
    • ⤷ How does the thermal management system handle the 216W total load?
    • ⤷ Can this power supply be integrated with non-Crestron 24V DC devices?