CSAB0518-R68M
AI

The **CSAB0518-R68M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and power management modules. This part is designed for high efficiency and low energy loss in compact electronic circuits.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its physical and electrical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **CSAB** | Series Name | High-current power inductor series |
| **0518** | Case Size | Dimensions (approx. 5.4mm x 5.2mm x 1.8mm) |
| **R68** | Inductance Value | 0.68 µH (Microhenries) |
| **M** | Tolerance | ±20% |
---
### 2. Technical Specifications
Below are the typical electrical parameters for this specific component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **DC Resistance (DCR)** | ~10.0 mΩ (Typical) |
| **Saturation Current (Isat)** | ~14.0 A to 16.0 A |
| **Heat Rating Current (Irms)** | ~8.0 A to 10.0 A |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetic Shielded (Low EMI) |
---
### 3. Key Features
* **Low Profile:** The "18" in the code signifies a height of only 1.8mm, making it ideal for thin devices like laptops or tablets.
* **Metal Composite Core:** Usually constructed with a carbonyl iron powder core which provides soft saturation characteristics (the inductance doesn't drop abruptly when current increases).
* **Low EMI:** The shielded construction contains the magnetic flux, preventing interference with neighboring components on the PCB.
* **High Efficiency:** Low DCR (Direct Current Resistance) minimizes power loss as heat.
---
### 4. Common Applications
This inductor is typically found in the following circuits:
1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs to smooth out current.
2. **Point of Load (POL) Converters:** Converting higher voltages to lower voltages for sensitive ICs.
3. **Battery Powered Devices:** Smartphones, SSDs, and handheld consoles where space is limited.
4. **Automotive Electronics:** Infotainment systems and ADAS sensors (if AEC-Q200 qualified).
---
- ⤷
What are the equivalent alternative parts for the CSAB0518-R68M?
- ⤷ How does saturation current (Isat) differ from heat rating current (Irms) in this inductor?
- ⤷ What is the recommended PCB footprint for the 0518 case size?