CSAB0740-R47M
AI

### Analysis of CSAB0740-R47M
The **CSAB0740-R47M** is a high-current, shielded surface-mount (SMD) power inductor. These components are critical in modern electronics for energy storage and noise filtering, particularly in power management circuits.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
| Code Segment | Description | Meaning |
| :--- | :--- | :--- |
| **CSAB** | Series Name | High-current molded power inductor series. |
| **0740** | Dimensions | Approx. **7.0 x 7.0 mm** footprint; **4.0 mm** height. |
| **R47** | Inductance Value | **0.47 µH** (Microhenries). |
| **M** | Tolerance | **±20%** tolerance. |
---
### 2. Key Technical Specifications
While exact values can vary slightly by manufacturer (e.g., Cyntec or Chilisin), typical specifications for a 0740-R47M inductor are:
* **Inductance:** 0.47 µH
* **DC Resistance (DCR):** Extremely low, typically between **1.5mΩ to 3.0mΩ**. This minimizes power loss through heat.
* **Saturation Current ($I_{sat}$):** Typically **20A to 30A**. This is the current at which inductance drops by a specified percentage (usually 30%).
* **RMS Current ($I_{rms}$):** Typically **15A to 22A**. The continuous current the part can handle without exceeding a $40^\circ C$ temperature rise.
* **Operating Temperature:** $-55^\circ C$ to $+125^\circ C$.
---
### 3. Physical Construction
The CSAB series utilizes **Molded Core Technology**:
1. **Material:** The coil is embedded in a metallic magnetic iron powder.
2. **Shielding:** The molded construction provides "magnetic shielding," which reduces Electromagnetic Interference (EMI) with neighboring components.
3. **Durability:** The solid structure offers high resistance to mechanical shock and vibration.
---
### 4. Common Applications
Due to its high current handling and low profile, this part is commonly found in:
* **DC-DC Converters:** Used in Buck or Boost converters for voltage regulation.
* **Laptops/Servers:** High-current power supplies for CPUs and GPUs (Vcore).
* **Automotive:** Infotainment systems and Advanced Driver Assistance Systems (ADAS).
* **Telecommunications:** Distributed power systems and base stations.
---
### 5. Implementation Example
In a standard Buck Converter circuit, the inductor is placed in the output stage to smooth out the current ripples:
```c
[Input Voltage] --> [Switching MOSFETs] --> [Inductor: CSAB0740-R47M] --> [Output Voltage]
|
[Filter Capacitor]
```
- ⤷
What are the direct equivalents or alternatives for the CSAB0740-R47M?
- ⤷ How does the 'Saturation Current' affect the performance of this inductor in a power circuit?
- ⤷ What is the difference between a molded inductor and a traditional wire-wound ferrite inductor?