AI

## CSAB1040A-R56M Electronic Component Overview
The **CSAB1040A-R56M** is a high-current, shielded surface-mount (SMD) power inductor. These components are primarily used in power management circuits to store energy, filter noise, and manage voltage transitions.
---
### 1. Key Technical Specifications
Based on the part number nomenclature, here are the primary electrical characteristics:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.56 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M') |
| **Case Size** | 1040 (Approx. 10mm x 10mm x 4.0mm) |
| **Construction** | Metal Alloy / Molded Shielded |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Physical and Material Properties
* **Molded Construction:** The component is typically made from a metallic iron powder core molded around the copper coil. This design provides superior magnetic shielding.
* **AEC-Q200 Compliance:** Often, parts in this series are rated for automotive use, meaning they can withstand high vibration and wide temperature fluctuations.
* **Shielding:** The "CSAB" series is fully shielded, which minimizes Electromagnetic Interference (EMI) with surrounding components on the PCB.
---
### 3. Common Applications
Inductors with low inductance (0.56 µH) and high current ratings like this one are commonly found in:
1. **DC-DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) regulators.
2. **GPU/CPU Power Supplies:** High-speed switching environments that require high saturation currents.
3. **Automotive Electronics:** Powering infotainment systems, ADAS modules, or LED lighting.
4. **Server Infrastructure:** High-efficiency power modules for data centers.
---
### 4. Part Number Breakdown
* **CSAB:** Series designation (High current, molded power inductor).
* **1040:** Dimensions (10.x mm length/width, 4.0mm height).
* **R56:** Inductance value (R = decimal point; R56 = 0.56 µH).
* **M:** Tolerance code (M = ±20%).
- ⤷
What is the typical saturation current for this specific inductor size?
- ⤷ How does a molded metal alloy inductor compare to a ferrite drum core?
- ⤷ Can this part be used in high-frequency switching power supplies above 1MHz?