CSAB1250A-R22M
AI

The **CSAB1250A-R22M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and voltage regulator modules (VRMs). It belongs to a class of inductors designed for high efficiency and high-frequency switching.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CSAB** | Series Name | High-current power inductor series. |
| **1250** | Dimensions | Approx. 12.5mm x 12.5mm footprint. |
| **A** | Internal Code | Design revision or specific material type. |
| **R22** | Inductance Value | **0.22 µH** (R denotes decimal point). |
| **M** | Tolerance | **±20%** tolerance. |
---
### 2. Key Specifications
While exact values can vary slightly by manufacturer (often Cyntec or similar brands), the typical specs for this part are:
* **Inductance:** 0.22 µH
* **DC Resistance (DCR):** Extremely low (typically < 1.0 mΩ) to minimize power loss.
* **Saturation Current (Isat):** Very high, often ranging from 40A to 60A+.
* **Operating Temperature:** -40°C to +125°C (including self-heating).
* **Core Material:** Metal Alloy powder (provides soft saturation and low EMI).
---
### 3. Core Features and Benefits
* **Low Profile:** The "50" in 1250 usually indicates a height of 5.0mm, making it suitable for compact PCB layouts.
* **High Saturation:** Unlike ferrite cores that drop inductance sharply, the metal alloy core in this part handles high current peaks without "crashing" the inductance.
* **Low DCR:** By using flat-wire or heavy-gauge copper, the part minimizes heat generation caused by resistive losses ($I^2R$).
* **Shielded Construction:** The molded powder structure acts as a natural magnetic shield, reducing Electromagnetic Interference (EMI) with neighboring components.
---
### 4. Common Applications
Due to its high current handling and low inductance, it is primarily found in:
1. **Motherboards/Servers:** CPU and GPU multi-phase power supplies.
2. **Point of Load (POL) Converters:** High-efficiency buck converters.
3. **Graphic Cards:** Providing stable current to high-performance GPUs.
4. **Telecom Equipment:** Distributed power systems requiring high reliability.
- ⤷
What is the difference between Isat and Irms for this inductor?
- ⤷ How does the metal alloy core compare to a standard ferrite core?
- ⤷ In what circuit configuration is a 0.22 uH inductor typically used?