CSAB1770-R68M
AI

The **CSAB1770-R68M** is a high-current, shielded surface-mount (SMD) power inductor. It is commonly used in DC-DC converter applications where high efficiency and low electromagnetic interference (EMI) are required.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers (typically associated with brands like **Chilisin** or similar power component specialists).
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH (indicated by "R68") |
| **Tolerance** | ±20% (indicated by "M") |
| **Case Size** | 1770 (Approx. 17.5 x 17.2 x 7.0 mm) |
| **Material** | Metal Alloy Powder (Carbonyl Iron) |
| **Shielding** | Magnetically Shielded |
---
### 2. Key Features
* **High Saturation Current ($I_{sat}$):** Due to its large physical size and metal powder core, it can handle high peak currents without the inductance dropping significantly.
* **Low DC Resistance (DCR):** The heavy-gauge internal wire minimizes power loss through heat, making it suitable for high-efficiency power supplies.
* **Soft Saturation:** Unlike ferrite cores that lose inductance abruptly, the metal alloy core provides a "soft" saturation curve, which is safer for voltage regulators.
* **Low EMI:** The molded construction acts as a magnetic shield, reducing the noise radiated to surrounding components.
---
### 3. Application Areas
These inductors are typically found in high-power industrial and consumer electronics:
1. **Voltage Regulator Modules (VRM):** Used in CPU and GPU power delivery on motherboards.
2. **DC-DC Converters:** Point-of-load (POL) converters for high-current rails.
3. **Battery Powered Systems:** Where high efficiency is critical to extending battery life.
4. **Servers and Networking:** High-wattage power supplies for routers and data centers.
---
### 4. Part Number Breakdown
* **CSAB**: Series code (usually denoting Metal Alloy Power Inductors).
* **1770**: Physical dimensions ($17 \times 17 \text{ mm}$ footprint, $7.0 \text{ mm}$ height).
* **R68**: Inductance value ($0.68 \text{ µH}$).
* **M**: Tolerance ($\pm 20\%$).
- ⤷
What are the saturation current and heating current ratings for the CSAB1770-R68M?
- ⤷ How does the metal alloy core differ from a standard ferrite core inductor?
- ⤷ Are there smaller footprint alternatives with the same 0.68uH inductance?