CSBFB1M00J58-R1
AI

## Analysis of the Murata CSBFB1M00J58-R1
The **CSBFB1M00J58-R1** is a high-precision **Ceramic Resonator** manufactured by Murata Electronics. It belongs to the **CERALOCK®** family, specifically the CSBFB series, which is designed for low-frequency applications.
### 1. Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Part Number** | CSBFB1M00J58-R1 |
| **Oscillation Frequency** | 1.000 MHz (1000 kHz) |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.3% (over temperature) |
| **Operating Temperature Range** | -20°C to +80°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Package / Case** | SMD, 5.0mm x 3.1mm |
| **Capacitance** | External Capacitors Required (Not built-in) |
---
### 2. Functional Description
Ceramic resonators like the CSBFB1M00J58-R1 function as the "heartbeat" of an electronic circuit. They utilize the mechanical resonance of piezoelectric ceramics to create a stable oscillating signal.
* **Role in Circuit:** It is typically paired with an integrated circuit (IC) to provide a stable clock signal for microcontrollers, signal processors, or communication interfaces.
* **Comparison to Crystals:** While Quartz crystals offer higher precision, Ceramic resonators are preferred for their:
* Faster start-up times.
* Smaller physical footprint.
* Lower cost.
* Higher resistance to mechanical shock and vibration.
---
### 3. Application Areas
This specific 1.000 MHz resonator is commonly used in:
1. **Consumer Electronics:** Remote controls, clocks, and small appliances.
2. **Industrial Automation:** Low-speed data processing units.
3. **Communication:** Simple RF modules and timing for transmission protocols.
4. **Microcontrollers:** Serving as the external clock source for 8-bit or 16-bit MCUs.
---
### 4. Typical Circuit Configuration
Since the **CSBFB** series (unlike the CST series) usually does **not** have internal load capacitors, an external circuit is required.
```c
[IC Oscillator Pins]
| (OSC1) (OSC2) |
| |----| |
|-------|Res |-----|
| |on. | |
_|_ |----| _|_
| C1| | C2| <-- External Load Capacitors
|___| |___|
| |
GND GND
```
---
- ⤷What are the recommended values for the external load capacitors for this resonator?
- ⤷ How does this resonator perform in high-vibration environments compared to quartz crystals?
- ⤷ What is the shelf life and soldering heat resistance for the CSBFB1M00J58-R1?