CSBFB1M02J58-R1
AI

The **CSBFB1M02J58-R1** is a surface-mount (SMD) ceramic resonator belonging to the **CSB series** manufactured by **Murata Electronics**. These components are primarily used as frequency-determining elements in microcomputer reference clocks.
---
### 1. Technical Specifications
Below are the key electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Murata Electronics |
| **Oscillating Frequency** | 1.024 MHz |
| **Frequency Accuracy** | ±0.5% |
| **Temperature Stability** | ±0.3% (-20°C to +80°C) |
| **Resonant Impedance** | Max 50 $\Omega$ |
| **Mounting Type** | Surface Mount (SMD) |
| **Packaging** | Tape & Reel (R1 suffix) |
### 2. Physical Dimensions
The "FB" designation refers to the specific package size. The CSBFB series is designed to be low-profile to fit thin electronic devices.
* **Length:** 5.0 mm
* **Width:** 3.1 mm
* **Height:** 1.6 mm
### 3. Functional Description
A ceramic resonator functions similarly to a quartz crystal but uses **piezoelectric ceramics** (typically lead zirconate titanate).
* **Mechanism:** When a voltage is applied, the ceramic material mechanically vibrates at its resonant frequency (1.024 MHz).
* **Comparison to Crystals:**
* **Pros:** Smaller size, lower cost, and faster start-up time.
* **Cons:** Lower frequency stability compared to high-precision quartz.
* **Built-in Capacitors:** Unlike some 3-terminal resonators, this specific series often requires external load capacitors to complete the oscillation circuit, though this depends on the specific IC integration.
### 4. Common Applications
Due to its 1.024 MHz frequency, this part is frequently found in:
1. **Remote Controls:** Used for carrier frequency generation.
2. **Clock Generators:** Providing a base timing signal for 8-bit or 16-bit microcontrollers.
3. **Communication Equipment:** Low-speed data transmission timing.
4. **Consumer Electronics:** Toys, small appliances, and household gadgets where high precision (like a watch) isn't strictly necessary.
---
### 5. Part Number Breakdown
Understanding the Murata nomenclature:
* **CSB**: Ceramic Resonator (kHz band).
* **FB**: SMD Type package.
* **1M02**: 1.02 MHz (Frequency).
* **J**: Frequency tolerance code (±0.5%).
* **R1**: Packaging code (Plastic Taping $\phi$180mm Reel).
- ⤷
What is the difference between a ceramic resonator and a quartz crystal in terms of stability?
- ⤷ How do I calculate the load capacitance for the CSBFB1M02J58-R1?
- ⤷ Are there automotive-grade equivalents for this specific resonator?