CSBFB455KJ58-R1
AI

## Analysis of CSBFB455KJ58-R1
The **CSBFB455KJ58-R1** is a high-precision ceramic resonator manufactured by **Murata Electronics**. It belongs to the CSBF family, which is specifically designed for low-frequency applications, primarily serving as a frequency control element in microcomputer reference clocks and remote control units.
---
### 1. Technical Specifications
The following table highlights the critical electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Oscillating Frequency** | 455.0 kHz |
| **Initial Tolerance** | ±0.5% (±2.275 kHz) |
| **Resonant Impedance** | 20 $\Omega$ (Max) |
| **Temperature Stability** | ±0.3% (-20°C to +80°C) |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 5.0 x 4.8 mm |
| **Capacitance (Built-in)** | Not included (Requires external capacitors) |
---
### 2. Functional Principles
Ceramic resonators operate on the principle of **piezoelectricity**. When an electrical signal is applied to the ceramic element, it vibrates mechanically at a specific frequency (in this case, 455 kHz).
* **Frequency Control:** It acts as a band-pass filter or a stable frequency source for an oscillator circuit.
* **455 kHz Standard:** This is a classic "Intermediate Frequency" (IF) used globally in AM radio receivers and remote control transmission protocols.
---
### 3. Application Circuit
Unlike the "CST" series from Murata, the **CSB** series usually requires external load capacitors ($C_1$ and $C_2$) to complete the Pierce oscillator circuit.
```c
IC (Microcontroller/Inverter)
+-----------------------+
| XTAL1 XTAL2 |
+---------|-------|-----+
| |
C1 -------+--[R]--+------- C2
(100pF) | | (100pF)
[Resonator]
|
Ground
```
*Note: [R] represents a feedback resistor (usually 1MΩ) often integrated within the IC.*
---
### 4. Key Advantages
1. **Size:** The SMD form factor allows for high-density PCB mounting compared to older through-hole versions.
2. **Cost:** Significantly cheaper than quartz crystals.
3. **Startup Time:** Faster startup time compared to quartz crystals, making them ideal for battery-operated devices that wake up frequently from sleep mode.
4. **Durability:** High mechanical vibration and shock resistance.
---
- ⤷What are the recommended values for the external load capacitors for this 455kHz resonator?
- ⤷ How does this ceramic resonator compare to a 455kHz quartz crystal in terms of precision?
- ⤷ Is the CSBFB455KJ58-R1 compatible with automotive temperature ranges?