CSBL1030-R47M
AI

### Analysis of CSBL1030-R47M
The **CSBL1030-R47M** is a high-current, shielded power inductor typically used in DC-DC converters and power management modules. Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. Technical Specifications
The part number follows a standard convention for SMD (Surface Mount Device) power inductors.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.47 µH | "R47" indicates 0.47 microhenries. |
| **Tolerance** | ±20% | "M" stands for a 20% tolerance range. |
| **Case Size** | 10.0 x 10.0 x 3.0 mm | "1030" represents length/width (~10mm) and height (~3mm). |
| **Shielding** | Magnetic Shielded | Reduces EMI (Electromagnetic Interference). |
| **Mounting Type** | SMD/SMT | Designed for automated pick-and-place assembly. |
---
### 2. Key Electronic Features
#### A. High Saturation Current ($I_{sat}$)
This inductor is engineered to handle high current without the magnetic core "saturating." Saturation occurs when the inductance drops significantly (usually by 20-30%) as current increases. The CSBL series typically uses a metal alloy or ferrite core to maintain stability.
#### B. Low DC Resistance (DCR)
Because it is a power inductor, it is designed with thick copper windings to minimize DCR. This reduces power loss ($P = I^2R$) and prevents excessive heat buildup during high-load operations.
#### C. Shielded Construction
The "shielded" nature means the magnetic flux is contained within the component. This is critical for high-density PCB layouts where magnetic leakage could interfere with nearby sensitive components or clock signals.
---
### 3. Typical Applications
* **Voltage Regulator Modules (VRMs):** Found on motherboards and GPU power stages.
* **DC-DC Converters:** Buck, Boost, or Buck-Boost converters.
* **Battery Powered Devices:** Used in tablets or laptops to manage high-efficiency power distribution.
* **Industrial Power Supplies:** For stable current filtering.
---
### 4. Part Number Breakdown
```text
CSBL 1030 - R47 M
| | | |
| | | +-- Tolerance (M = ±20%)
| | +------ Inductance Value (R47 = 0.47µH)
| +-------------- Dimensions (Approx. 10x10x3.0 mm)
+--------------------- Series Name (Shielded Power Inductor)
```
- ⤷
What is the maximum rated current for the CSBL1030-R47M?
- ⤷ How does magnetic shielding impact the performance of this inductor compared to unshielded versions?
- ⤷ What are the recommended soldering profiles for this SMD component?