Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CSHB0421R-R33M

  • AI
    ## Technical Overview: CSHB0421R-R33M The **CSHB0421R-R33M** is a high-current, surface-mount (SMD) power inductor. It belongs to a category of components often referred to as "Molded Power Inductors," which are designed for high efficiency in compact DC-DC converter circuits. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical limits: | Segment | Meaning | Details | | :--- | :--- | :--- | | **CSHB** | Series Code | High-current shielded power inductor series. | | **0421** | Dimensions | Typically refers to size (e.g., 4.0 x 4.0 x 2.1 mm). | | **R33** | Inductance Value | **0.33 µH** (Microhenries). | | **M** | Tolerance | **±20%** tolerance on the inductance value. | --- ### 2. Key Electrical Specifications While specific datasheets can vary slightly by manufacturer (such as Cyntec or Chilisin), the standard parameters for an R33M in this size are: * **Inductance:** 0.33 µH * **DC Resistance (DCR):** Extremely low (typically in the range of 3.5mΩ to 5.0mΩ) to minimize power loss. * **Saturation Current ($I_{sat}$):** The current at which inductance drops by ~30%. Usually high (approx. 15A - 22A). * **Rated Current ($I_{rms}$):** The continuous current that causes a specific temperature rise (usually 40°C). --- ### 3. Construction and Material The CSHB series is characterized by its **Metal Alloy Powder** construction: 1. **Magnetic Shielding:** The coil is embedded in a metallic powder mold, which provides natural magnetic shielding. This reduces Electromagnetic Interference (EMI) with neighboring components. 2. **Molded Design:** This process eliminates the "buzz" noise (acoustic noise) often found in traditional wire-wound inductors. 3. **Robustness:** The solid structure offers excellent resistance to mechanical shock and thermal stress. --- ### 4. Common Applications Due to its low inductance and high current handling, the CSHB0421R-R33M is typically used in: * **Voltage Regulator Modules (VRMs):** Specifically for CPUs and GPUs in laptops. * **DC-DC Converters:** High-frequency buck converters. * **Mobile Devices:** Power management in smartphones and tablets where space is premium. * **Servers:** Distributed power systems requiring high efficiency. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the CSHB series?
    • ⤷ How does the 'R33' inductance value affect the ripple current in a buck converter?
    • ⤷ What are the footprint dimensions for the 0421 package size?