CSJ-RGFB-100-MHF3
AI

The **CSJ-RGFB-100-MHF3** is a specialized Radio Frequency (RF) coaxial cable assembly. It is commonly used in high-frequency wireless communication systems where space is limited and signal integrity is critical.
---
### 1. Technical Specifications Overview
| Component | Specification |
| :--- | :--- |
| **Connector A** | SMA Bulkhead Jack (Female) |
| **Connector B** | MHF3 (IPEX/U.FL Compatible, Micro-miniature) |
| **Cable Type** | 0.81mm Coaxial Cable (Ultra-thin) |
| **Impedance** | 50 Ohms (Standard RF) |
| **Length** | 100mm (Standardized by "100" in the part number) |
| **Frequency Range** | DC to 6 GHz |
---
### 2. Breakdown of the Electronic Parts
#### A. SMA Bulkhead Jack (Female)
* **Role:** This is the external interface. The "Bulkhead" design includes a nut and washer, allowing it to be mounted through a hole in a device enclosure/chassis.
* **Material:** Usually gold-plated brass for superior conductivity and corrosion resistance.
#### B. MHF3 Connector (Micro-miniature)
* **Role:** This is the internal interface that snaps onto the Printed Circuit Board (PCB).
* **Size:** The MHF3 is one of the smallest RF connectors, with a mated height of only **1.5mm**. It is smaller than the standard U.FL (MHF1) connector.
* **Application:** Used in extremely thin devices like tablets, ultra-books, and M.2 wireless modules.
#### C. 0.81mm Coaxial Cable
* **Structure:** Consists of a silver-plated copper wire core, a FEP dielectric, a braided shield, and an outer jacket.
* **Flexibility:** The 0.81mm diameter is highly flexible, allowing for tight routing inside compact electronic housings.
---
### 3. Key Applications
* **Wireless Modules:** Connecting WiFi/Bluetooth M.2 cards to external antennas.
* **IoT Devices:** Used in smart home sensors where PCB space is at a premium.
* **Embedded Systems:** Industrial tablets or handheld GPS units.
---
### 4. Comparison: MHF3 vs. Standard U.FL
| Feature | MHF1 (U.FL) | MHF3 |
| :--- | :--- | :--- |
| **Mated Height** | 2.5mm | 1.5mm |
| **Frequency** | Up to 6 GHz | Up to 6 GHz |
| **Durability** | ~30 Cycles | ~30 Cycles |
| **Footprint** | 3.0mm x 3.0mm | 2.0mm x 2.0mm |
- ⤷
What are the signal loss (attenuation) characteristics of a 0.81mm cable at 5GHz?
- ⤷ How does the MHF3 connector differ from the MHF4 variant?
- ⤷ What tools are required to mount the SMA bulkhead to a chassis?