Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CSNF331

  • AI
    ## Overview of CSNF331 Current Sensor The **CSNF331** is a high-performance, closed-loop current sensor based on the **Hall Effect** principle. It is manufactured by Honeywell and is designed to provide accurate measurement of AC, DC, and impulse currents with galvanic isolation between the primary (high power) circuit and the secondary (measurement) circuit. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the CSNF331: | Parameter | Value / Range | | :--- | :--- | | **Sensor Type** | Closed Loop (Compensated) | | **Current Range** | ±150 A (Nominal) / ±200 A (Peak) | | **Supply Voltage ($V_c$)** | ±12 Vdc to ±15 Vdc | | **Output Type** | Current (Secondary current) | | **Turns Ratio** | 1:2000 | | **Accuracy** | ±0.5% | | **Response Time** | < 0.5 microseconds | | **Frequency Bandwidth** | DC to 150 kHz | --- ### 2. Electronic Operating Principle The CSNF331 operates using a **Closed Loop (Zero Flux)** mechanism. This makes it significantly more accurate and linear than open-loop sensors. 1. **Hall Effect Element:** A magnetic core surrounds the primary conductor. When current flows, it creates a magnetic field. The Hall element detects this flux. 2. **Feedback Loop:** The internal electronics drive a current through a secondary compensation coil (2000 turns). 3. **Zero Flux Maintenance:** The secondary current creates an opposing magnetic field that cancels out the primary field. The sensor is always working to maintain "zero flux" in the core. 4. **Measurement:** The output current is exactly $1/2000$th of the primary current. By placing a burden resistor ($R_m$) at the output, you can convert this current into a readable voltage. --- ### 3. Connection Pinout and Implementation The device typically features 3 to 4 main pins/terminals for its electronic integration: * **Positive Supply (+V):** Usually +15V DC. * **Negative Supply (-V):** Usually -15V DC. * **Output (M):** The measurement terminal where the secondary current is sourced. * **Ground (0V):** Common reference point for the power supply. #### Typical Application Circuit ```text [Primary Conductor] ---> passes through the center hole [Sensor Secondary] Pin +V ------> +15V Pin -V ------> -15V Pin M ------> [ Burden Resistor (Rm) ] ------> Ground | └---> Measuring Point (Voltage = Is * Rm) ``` --- ### 4. Advantages in Electronic Design * **Galvanic Isolation:** The electronic measurement circuit is physically and electrically isolated from the high-voltage primary line. * **High Linearity:** Because it operates at zero flux, it avoids the non-linearity and hysteresis common in standard magnetic cores. * **High Speed:** The fast response time makes it ideal for protecting power electronics (IGBTs/MOSFETs) from short circuits.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the optimal burden resistor (Rm) for the CSNF331?
    • ⤷ What are the typical power consumption requirements for the +/- 15V supply?
    • ⤷ Can the CSNF331 be used with a unipolar (single) power supply?