AI

## Technical Overview: CSR09B565JS
The **CSR09B565JS** is a high-reliability, military-grade solid tantalum capacitor. It is designed to meet the **MIL-PRF-39003** standard, specifically the **CSR09** style, which denotes a hermetically sealed, polar tantalum capacitor with axial leads.
---
### 1. Part Number Breakdown
To understand the electronic characteristics, we can decode the part number according to military specifications:
| Segment | Code | Meaning |
|:--- |:--- |:--- |
| **Style** | CSR09 | Tantalum, solid electrolyte, polar, hermetically sealed, axial leads. |
| **Voltage** | B | Rated for **6 Volts DC**. |
| **Capacitance** | 565 | 5.6 μF (56 followed by 5 zeros in picofarads). |
| **Tolerance** | J | **±5%** Capacitance tolerance. |
| **Failure Rate** | S | **0.001% per 1,000 hours** (Exponential failure rate). |
---
### 2. Key Electrical Specifications
These parameters define how the component performs within a circuit:
* **Capacitance:** 5.6 μF
* **Voltage Rating:** 6 VDC (Operating), 8 VDC (Surge)
* **Tolerance:** ±5% (High precision for tantalum)
* **Operating Temperature:** -55°C to +125°C
* **Dissipation Factor:** Typically < 4% (at 120Hz)
* **Leakage Current:** Very low (measured in microamps), consistent with hermetic sealing.
---
### 3. Construction and Materials
The CSR09 series is built for extreme environments where commercial capacitors might fail.
* **Hermetic Seal:** The component is encased in a metal tube with glass-to-metal seals at the ends. This prevents moisture ingress and electrolyte drying.
* **Axial Leads:** Designed for through-hole mounting. The positive lead is usually identified by a "plus" sign or a bevel on the case.
* **Solid Electrolyte:** Uses Manganese Dioxide ($MnO_2$), which offers better stability over time and temperature compared to liquid electrolytes.
---
### 4. Common Applications
Due to the **"S" failure rate** (Exponential) and military qualification, this part is used in:
1. **Aerospace & Defense:** Avionics, missile guidance systems, and satellite communication.
2. **Medical Electronics:** Critical life-support or monitoring equipment requiring long-term stability.
3. **Industrial Controls:** High-reliability sensors in harsh environments.
---
### 5. Equivalent Reference
If sourcing a commercial equivalent (non-military), one would look for the **KEMET T212** or **Vishay 150D** series with identical electrical ratings, though these lack the rigorous military "S" level reliability testing.
- ⤷
What are the storage requirements for hermetically sealed tantalum capacitors?
- ⤷ How does the 'S' failure rate compare to other military reliability levels?
- ⤷ Can this capacitor be used in AC power filtering applications?