Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CSRT-AS

  • AI
    The **CSRT-AS** (Combat Survivor Evader Locator - Advanced System) is a specialized communication and location system used by military personnel. Its electronic components are designed for extreme durability, low probability of intercept (LPI), and high-precision positioning. --- ### 1. Core Electronic Components The architecture of the CSRT-AS relies on high-frequency radio components and cryptographic processors to ensure secure data transmission. | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Transceiver Module** | Handles Signal I/O | Supports UHF (Ultra High Frequency) and SATCOM bands. | | **GPS/GNSS Engine** | Positioning | Multi-channel receiver capable of M-Code (military) GPS signals. | | **Cryptographic Processor** | Data Security | Embedded chip for AES-256 or NSA Suite B encryption. | | **Power Management IC** | Energy Efficiency | Optimizes battery life for long-duration missions (up to 30 days standby). | | **User Interface (UI)** | Interaction | Sunlight-readable LCD/OLED screen and tactile buttons for gloved use. | --- ### 2. Communication Systems The electronics are integrated to support multiple communication modes: * **Line-of-Sight (LOS):** Used for short-range communication between the survivor and recovery aircraft. * **Beyond Line-of-Sight (BLOS):** Utilizes satellite constellations to transmit distress signals globally. * **Beacon Electronics:** Dedicated circuitry for 406 MHz (COSPAS-SARSAT) and 121.5 MHz international emergency frequencies. --- ### 3. Hardware Specifications The internal hardware is built to meet **MIL-STD-810G** standards for environmental stress. ```yaml Hardware_Specifications: Processor: ARM-based Secure Microcontroller Memory: Non-volatile Flash (for mission data storage) Antennas: Dual-integrated (Internal GPS + Retractable UHF) Battery_Type: Lithium-thionyl chloride or specialized Rechargeable Li-ion Operating_Temp: -40°C to +70°C ``` --- ### 4. Advanced Features (Electronic Logic) 1. **Low Probability of Detection (LPD):** The electronic timing circuits use "burst transmissions," sending data packets in milliseconds to prevent enemy tracking. 2. **Geofencing Logic:** The onboard software can trigger alerts or change transmission power based on GPS coordinates. 3. **Automatic Activation:** Inertial sensors (accelerometers) can detect high-G events (like an ejection) to trigger the device automatically.
    ✨ Follow-up Questions
    • ⤷ How does the CSRT-AS differ from standard civilian PLBs?
    • ⤷ What specific satellite constellations does the CSRT-AS utilize?
    • ⤷ What are the power consumption profiles for the different transmission modes?