CSS-1014G
AI

The **CSS-1014G** is a high-sensitivity, omnidirectional electret condenser microphone (ECM) capsule. It is widely used in telecommunications, security systems, and portable audio recording devices due to its compact size and reliable performance.
---
### ## Technical Specifications
Below are the primary electrical and physical characteristics of the CSS-1014G:
| Parameter | Specification |
| :--- | :--- |
| **Diameter** | 10.0 mm |
| **Height** | 4.5 mm |
| **Sensitivity** | -38dB to -44dB (typically @ 1kHz) |
| **Directionality** | Omnidirectional (360°) |
| **Operating Voltage** | 1.0V to 10V DC (Standard: 2.0V) |
| **Current Consumption** | 0.5 mA (Max) |
| **Impedance** | Low Impedance (< 2.2 kΩ) |
| **Frequency Range** | 50 Hz – 16,000 Hz |
| **Signal-to-Noise Ratio** | > 58 dB |
---
### ## Internal Component Breakdown
An electret condenser microphone like the CSS-1014G consists of several key electronic parts working in tandem:
1. **Electret Diaphragm:** A thin plastic film (usually Teflon) with a permanent electrostatic charge. It vibrates in response to sound waves.
2. **Back Plate:** A stationary metal plate that, along with the diaphragm, forms a capacitor.
3. **FET (Field Effect Transistor):** Because the capacitance change is extremely small and has high impedance, a built-in JFET acts as an impedance converter/amplifier. It converts the high-impedance signal to a usable low-impedance output.
4. **Housing/Shielding:** A metal (usually aluminum) cylinder that protects the internal components and provides EMI (Electromagnetic Interference) shielding.
---
### ## Basic Application Circuit
To use the CSS-1014G, it must be powered via a "Phantom Power" or "Bias" circuit. The following is a standard wiring diagram concept:
```text
VCC (2.0V - 5.0V)
|
[R1: 2.2k Pull-up Resistor]
|
+----------[C1: 1uF - 10uF Capacitor]-----> Audio Out (Signal)
|
( + ) Terminal
[ CSS-1014G ]
( - ) Terminal
|
GND
```
* **R1 (Load Resistor):** Determines the operating current for the internal FET.
* **C1 (DC Blocking Capacitor):** Allows the AC audio signal to pass while blocking the DC supply voltage from entering the amplifier/pre-amp stage.
---
### ## Key Features
* **High Sensitivity:** Capable of picking up faint sounds at a distance.
* **Broad Frequency Response:** Suitable for both human voice and ambient environmental recording.
* **Solder Pads:** Usually features two solder pads on the bottom for easy PCB mounting or wire attachment.
- ⤷
How do I choose the correct load resistor value for a different supply voltage?
- ⤷ What is the difference between the CSS-1014G and a MEMS microphone?
- ⤷ Can this microphone be used with an Arduino or ESP32 directly?