Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CSS-1014S

  • AI
    The **CSS-1014S** is a high-performance, small-form-factor serial matrix switcher, typically used in professional AV environments for routing RS-232, RS-422, or RS-485 control signals. Below is a breakdown of its electronic components, architectural design, and functional specifications. --- ### 1. Core Electronic Components | Component Type | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Embedded 8-bit or 32-bit RISC processor | Manages the switching logic, memory presets, and front-panel interface. | | **Switching Matrix IC** | High-density CMOS Analog/Digital Switch | Routes the RX/TX paths between the 10 input/output ports without signal degradation. | | **Line Drivers/Receivers** | RS-232/422 Transceivers (e.g., MAX232 or similar) | Converts internal TTL logic levels to standard serial voltage levels for long-distance transmission. | | **EEPROM** | Non-volatile storage | Stores configuration settings and baud rate mapping even when powered off. | | **Power Regulation** | Linear or Switching Regulators (LDO) | Converts DC input (typically 9V-12V) to stable 3.3V or 5V rails for internal logic. | --- ### 2. Functional Architecture The device is designed to facilitate bidirectional communication between a "Master" port and multiple "Slave" ports. #### Signal Path Logic 1. **Input Conditioning:** The incoming signal is filtered for noise and clamped to protect against Electrostatic Discharge (ESD). 2. **Level Shifting:** The RS-232/422 signals are stepped down to logic level (0-5V) for processing. 3. **Routing:** The Matrix IC connects the physical path of Port A to Port B based on the user's selection. 4. **Output Reconstruction:** The signal is re-amplified to the necessary standard (e.g., +/- 12V for RS-232) before exiting the port. --- ### 3. Physical Interface Specifications The CSS-1014S utilizes a specific hardware layout to ensure compatibility with industrial control systems: * **Connectors:** Usually utilizes **RJ-45** or **DB9** connectors. RJ-45 is common in this model to save space, requiring custom pinout cables. * **LED Indicators:** Electronic monitoring of Data Transmit (TX) and Receive (RX) activity for each port to aid in troubleshooting. * **Baud Rate Support:** The internal circuitry supports transparent data rates from **300 bps to 115.2 kbps**. --- ### 4. Electronic Protection Features To ensure reliability in commercial environments, the CSS-1014S includes several protective electronic layers: * **ESD Protection:** Built-in protection against static electricity up to 15kV. * **Isolation:** Some variants offer opto-isolation to prevent ground loops between connected devices. * **Short Circuit Protection:** Current-limiting resistors on output stages to prevent damage if pins are incorrectly wired.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the RJ-45 ports on the CSS-1014S?
    • ⤷ How do I program the switching presets via the RS-232 control port?
    • ⤷ Does this model support simultaneous broadcasting from one input to all outputs?