Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CSS-1015S

  • AI
    The **CSS-1015S** is a high-performance, high-torque digital coreless servo motor, widely used in RC vehicles (especially 1/10 and 1/8 scale cars) and robotics. It is known for its durability and precise control. --- ### Technical Specifications Below are the primary electronic and mechanical specifications for the CSS-1015S: | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 4.8V – 6.0V (Standard) | | **Torque (6.0V)** | ~14.5 kg-cm (201 oz-in) | | **Speed (6.0V)** | 0.10 sec / 60° | | **Motor Type** | Coreless Motor | | **Control System** | Digital Control | | **Gear Material** | Titanium / Metal Alloy | | **Weight** | ~66g | --- ### Key Electronic Components #### 1. Coreless Motor Unlike standard DC motors that have a heavy iron core inside the rotor, a coreless motor uses a wire mesh coil. * **Benefit:** Lower inertia, allowing for faster acceleration and deceleration. * **Result:** Extremely responsive steering and "snappy" movements. #### 2. Digital Microprocessor The "Digital" aspect refers to the internal PCB (Printed Circuit Board) that processes incoming PWM (Pulse Width Modulation) signals. * **Sampling Rate:** Digital servos process signals at a much higher frequency than analog servos. * **Holding Power:** It provides constant torque throughout the movement range and resists being pushed out of position by external forces. #### 3. Potentiometer (Feedback Sensor) This is a variable resistor connected to the output shaft. * **Function:** It tells the internal controller exactly what angle the gears are currently at. * **Precision:** High-quality potentiometers in the CSS-1015S ensure minimal "deadband" (the tiny movement where the servo doesn't react). #### 4. Heat Dissipation (Heatsink Case) The middle section of the CSS-1015S case is typically made of **aluminum**. * **Purpose:** Because high-torque digital servos draw significant current, they generate heat. The aluminum casing acts as a heatsink to protect the internal electronics from thermal failure during heavy use. --- ### Wiring Configuration The servo uses a standard 3-pin connector: 1. **Brown/Black:** Ground (GND) 2. **Red:** Positive Power (+VCC) 3. **Orange/White:** Signal (PWM Input) --- ### Best Practices for Use * **BEC Requirements:** Due to the high torque and digital nature, this servo can pull high "stall currents." Ensure your ESC (Electronic Speed Controller) has a BEC capable of at least 3A to 5A to prevent brownouts. * **Voltage Limit:** While some modern servos are "High Voltage" (7.4V), the CSS-1015S is typically rated for **6.0V**. Running it at 7.4V (2S LiPo) may burn out the motor or circuitry unless specified by a specific sub-revision.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current draw (stall current) of the CSS-1015S?
    • ⤷ Can this servo be used with a 7.4V LiPo battery safely?
    • ⤷ How does a coreless motor differ from a brushless motor in servos?