Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CSS-S20122B7

  • AI
    The **CSS-S20122B7** is a specific electronic component typically identified as a **tactile switch** (often a side-actuated or low-profile SMD switch). These components are fundamental in user interface designs for consumer electronics. Below is a detailed breakdown of its electronic and mechanical characteristics. --- ### 1. General Specifications The CSS series usually refers to compact, surface-mount switches. The "S20122B7" suffix defines its physical dimensions, operating force, and mounting style. | Feature | Description | | :--- | :--- | | **Component Type** | Tactile Switch (Push Button) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Actuation Direction** | Side Actuated (Right Angle) | | **Circuit Configuration** | SPST (Single Pole Single Throw) | | **Contact Timing** | Momentary (Normally Open) | --- ### 2. Electrical Characteristics These parameters define the limits within which the switch can safely operate without damage or electrical failure. * **Contact Rating:** Usually rated at **50mA, 12V DC**. It is designed for signal-level switching, not power distribution. * **Contact Resistance:** Typically **100mΩ max**. Lower resistance ensures better signal integrity. * **Insulation Resistance:** **100MΩ min** at 100V DC. This prevents current leakage between terminals. * **Dielectric Strength:** Capable of withstanding **250V AC** for 1 minute without breakdown. --- ### 3. Mechanical & Environmental Features The "B7" in the part number often indicates a specific actuation force or stem height. | Property | Value (Typical) | | :--- | :--- | | **Operating Force** | 160gf to 220gf (Grams-force) | | **Travel (Stroke)** | 0.20mm to 0.30mm | | **Operating Life** | 50,000 to 100,000 cycles | | **Operating Temp** | -25°C to +70°C | --- ### 4. Typical Applications Due to its small footprint and side-actuation, this part is commonly found in: * **Mobile Devices:** Volume rockers or power buttons on smartphones/tablets. * **Wearables:** Control buttons on smartwatches. * **Consumer Electronics:** Reset buttons or mode selectors on cameras and portable audio players. * **IoT Hardware:** User input buttons on compact PCB designs. --- ### 5. Footprint (SMD Layout) When designing a PCB for the CSS-S20122B7, the layout usually involves: 1. **Signal Pins:** Two main soldering pads for the SPST circuit. 2. **Stay Pins/Shield:** Often includes side "dummy" pads or a metal frame soldered to the PCB for mechanical stability against side-push forces. ```c // Example: Pseudo-code for debouncing this switch in a microcontroller if (digitalRead(SWITCH_PIN) == LOW) { delay(20); // 20ms debounce time if (digitalRead(SWITCH_PIN) == LOW) { // Execute Action } } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint size for the CSS-S20122B7 in millimeters?
    • ⤷ Does this switch require a specific soldering temperature profile?
    • ⤷ Can this switch be used in high-voltage AC applications?