Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CSS014

  • AI
    The **CSS014** is a specific electronic component most commonly associated with **Current Sensing Resistors** (Shunts). These are precision resistors used to monitor and manage electrical current in a circuit by measuring the voltage drop across them. --- ## 1. Component Overview The CSS014 belongs to the **Current Sensing Series**. These resistors are engineered to have very low resistance values and high stability to ensure that measuring the current does not significantly interfere with the circuit's operation. ### Key Specifications Table | Feature | Typical Specification | | :--- | :--- | | **Material** | Metal Alloy / Manganin | | **Tolerance** | ±0.5% to ±5% | | **Resistance Range** | 0.5mΩ to 100mΩ | | **Power Rating** | 1W to 3W (Package dependent) | | **Temperature Coefficient** | Low TCR (e.g., ±50ppm/°C) | --- ## 2. Internal Composition and Design The CSS014 is built using high-performance materials to withstand heat and maintain accuracy. * **Resistive Element:** Usually a specialized metal alloy (like Copper-Manganese or Nickel-Chromium) which maintains a constant resistance even as the temperature changes. * **Construction:** Typically a "Metal Plate" or "Shunt" design. This allows for excellent heat dissipation compared to standard thick-film resistors. * **Terminals:** Often use a 2-terminal or 4-terminal (Kelvin) configuration to eliminate the influence of lead resistance on the measurement. --- ## 3. How it Functions in a Circuit The part operates based on **Ohm's Law ($V = I \times R$)**. 1. The resistor is placed in series with the load. 2. As current ($I$) flows through the CSS014, a small voltage ($V$) is generated. 3. This voltage is measured by a **Current Sense Amplifier** or a Microcontroller's ADC. 4. Since the resistance ($R$) is known and fixed, the system calculates the current: $I = V / R$. --- ## 4. Common Applications Due to its precision and reliability, the CSS014 is used in: * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in Li-ion batteries. * **Motor Controllers:** Detecting overcurrent conditions to prevent motor burnout. * **Power Supplies:** Regulating output current in DC-DC converters. * **Automotive Electronics:** Managing power distribution in electric vehicles. --- ## 5. Equivalent/Related Parts If searching for alternatives, look for these series from major manufacturers: * **Vishay:** WSL Series (e.g., WSL2512) * **KOA Speer:** TLR Series * **Susumu:** KRL Series
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using a 4-terminal Kelvin connection for this part?
    • ⤷ How do I calculate the power dissipation for a CSS014 in a 10A circuit?
    • ⤷ Which package size (e.g.
    • ⤷ 2512 or 1206) is most common for the CSS014 series?