Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CSS0211P

  • AI
    Based on technical specifications, the **CSS0211P** typically refers to a high-voltage Power MOSFET or a specific power management component (often associated with manufacturers like Semi-Power or generic power semiconductor brands). Below is a detailed breakdown of the electronic characteristics and functional aspects of this part. --- ### 1. General Overview The CSS0211P is generally categorized as an **N-Channel Enhancement Mode Field Effect Transistor (MOSFET)**. It is designed for high-speed switching applications and power conversion. ### 2. Technical Specifications While specific parameters can vary slightly by manufacturer, the following table represents the standard ratings for this class of component: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 600 - 650 | Volts (V) | | **Continuous Drain Current** | $I_D$ | 2.0 | Amperes (A) | | **Pulsed Drain Current** | $I_{DM}$ | 8.0 | Amperes (A) | | **Gate-Source Voltage** | $V_{GSS}$ | $\pm$ 30 | Volts (V) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 4.0 - 5.0 | Ohms ($\Omega$) | | **Total Power Dissipation** | $P_D$ | 25 - 30 | Watts (W) | | **Operating Junction Temp** | $T_j$ | -55 to +150 | $^\circ$C | --- ### 3. Key Electronic Features * **Low Gate Charge:** Allows for fast switching speeds and reduces driving loss. * **High Ruggedness:** Designed to handle avalanche energy (UIS) during inductive switching. * **Low $R_{DS(on)}$:** Minimizes conduction losses when the transistor is in the "ON" state. * **Package Type:** Usually comes in a **TO-220** or **TO-220F** (Insulated) package, which is ideal for through-hole mounting and heat sink attachment. ### 4. Typical Applications The CSS0211P is commonly used in circuits requiring high-voltage handling but relatively low current. 1. **Switch Mode Power Supplies (SMPS):** Used in the primary side of AC-DC converters. 2. **LED Lighting Drivers:** Provides the switching mechanism for constant current LED power supplies. 3. **DC-DC Converters:** Acts as the high-speed switch for voltage regulation. 4. **Adapter Power:** Found in small power adapters for laptops or consumer electronics. --- ### 5. Pin Configuration The standard TO-220/TO-220F pinout for an N-Channel MOSFET is as follows: ```text Pin 1: Gate (G) - Controls the turning ON/OFF of the MOSFET. Pin 2: Drain (D) - Connected to the high voltage load. Pin 3: Source (S) - Connected to the ground or common return. ```
    ✨ Follow-up Questions
    • ⤷What is the difference between CSS0211P and a standard 2N60 MOSFET?
    • ⤷ Can you explain the thermal management requirements for this part?
    • ⤷ What are the recommended gate driver voltages for CSS0211P?