CSS0528P
AI

The **CSS0528P** is a high-performance, surface-mount **Current Sense Resistor**. These components are critical in power management circuits for monitoring current flow by converting current into a measurable voltage drop.
---
## 1. Technical Specifications
The part number "0528" refers to its unique physical dimensions, which are designed for high power dissipation in a small footprint.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Resistance Range** | Often 0.5mΩ to 5mΩ (milli-ohms) |
| **Power Rating** | Up to 5W (High Power) |
| **Package Size** | 0528 (approx. 1.25mm x 7.0mm) |
| **Tolerance** | ±1% or ±5% |
| **Technology** | Metal Plate / Metal Element |
| **Operating Temp** | -55°C to +170°C |
---
## 2. Key Features
* **Wide Terminal Construction:** Unlike standard resistors, the terminals are located on the long sides (long-side termination). This reduces internal inductance and significantly improves heat dissipation.
* **Low TCR (Temperature Coefficient of Resistance):** Ensures the resistance stays stable even as the component heats up, providing accurate current readings.
* **High Current Handling:** Due to the metal element construction, it can handle high surge currents without failing.
* **AEC-Q200 Qualified:** Many versions of this part are rated for automotive use, meaning they are highly resistant to thermal shock and vibration.
---
## 3. Circuit Applications
The CSS0528P is primarily used in "Sense" or "Shunt" configurations:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs.
2. **DC-DC Converters:** Providing feedback loops for current-mode control.
3. **Motor Control:** Detecting over-current conditions to protect the motor and driver.
4. **Power Inverters:** Used in renewable energy systems (solar/wind) for power monitoring.
---
## 4. Design Considerations
When using the CSS0528P in a PCB layout, follow these best practices:
* **Kelvin Connection (4-Terminal Sensing):** Even though the part may have two physical pads, the traces for the sensing circuit should be connected separately from the high-current path to avoid measuring the voltage drop of the PCB copper.
* **Heat Sinking:** Ensure large copper planes are connected to the pads to act as a heat sink, as these resistors can get very hot during operation.
---
- ⤷
What is the difference between long-side termination and short-side termination in resistors?
- ⤷ How do I calculate the voltage drop for a 1mΩ CSS0528P resistor at 10 Amps?
- ⤷ Can this resistor be used for AC current sensing or only DC?