Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CSS0638P

  • AI
    Based on your inquiry, the **CSS0638P** typically refers to a **Magnetic Transducer (Buzzer)**. These components are widely used in consumer electronics, medical devices, and industrial alarms to provide acoustic feedback. --- ## 1. Component Overview The CSS0638P is an **electromagnetic buzzer** designed for surface mounting (SMD) or pin-through-hole applications depending on the specific series suffix. It functions by using an internal coil to create a magnetic field that moves a metal diaphragm, generating sound waves. ### Technical Specifications Below are the typical electrical and mechanical parameters for this component: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Rated Voltage** | 3.0 - 5.0 | V | | **Operating Voltage** | 2.0 - 6.0 | V | | **Rated Current** | Max 40 - 80 | mA | | **Sound Pressure Level (SPL)** | Min 85 (at 10cm) | dB | | **Resonant Frequency** | 2700 - 3200 | Hz | | **Coil Resistance** | 25 - 40 | Ω | | **Operating Temperature** | -20 to +70 | °C | --- ## 2. Internal Construction The "Electronic Parts" within the CSS0638P consist of: 1. **The Coil:** A copper winding that acts as an electromagnet when current flows through it. 2. **The Magnet:** A permanent magnet that provides a bias field. 3. **The Diaphragm:** A flexible metal plate (often iron/nickel alloy) that vibrates to produce sound. 4. **The Housing:** Usually made of PPO (Polyphenylene Oxide) or high-temperature plastic to withstand soldering. --- ## 3. Driving Circuit Requirements Because the CSS0638P is a **transducer** (not a "self-drive" indicator), it requires an external oscillating signal to produce sound. ### Basic Application Circuit To drive this part using a Microcontroller (MCU), a transistor switching circuit is recommended to protect the MCU pins from the current draw: ```c // Example: Driving logic for a buzzer // Generate a Square Wave at the Resonant Frequency (e.g., 2730Hz) void playBuzzer() { digitalWrite(BUZZER_PIN, HIGH); delayMicroseconds(183); // Half-period for ~2.7kHz digitalWrite(BUZZER_PIN, LOW); delayMicroseconds(183); } ``` ### Circuit Safety Note * **Flyback Diode:** Always place a diode (e.g., 1N4148) in parallel with the buzzer (cathode to positive) to suppress inductive voltage spikes that occur when the coil is switched off. --- ## 4. Common Applications * **User Interface Feedback:** Beeps on microwave ovens or control panels. * **Alerts:** Low battery warnings in handheld devices. * **Status Indicators:** Confirmation sounds in POS terminals or glucose meters.
    ✨ Follow-up Questions
    • ⤷What is the difference between a transducer like CSS0638P and an indicator buzzer?
    • ⤷ How do I calculate the flyback diode requirements for this component?
    • ⤷ What are the footprint dimensions for PCB layout of the CSS0638P?