Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CSS1206

  • AI
    ## Understanding the "1206" Electronic Component Standard In the world of Surface Mount Technology (SMT), **1206** refers to the physical size of a component, most commonly a resistor or a capacitor. The term "CSS" often prefixes this to denote a specific series (such as Current Sensing Resistors). --- ### 1. Physical Dimensions The numbers "1206" represent the length and width in **imperial units** (hundredths of an inch). | Metric/Imperial | Length (L) | Width (W) | | :--- | :--- | :--- | | **Imperial (1206)** | 0.12 inches | 0.06 inches | | **Metric (3216)** | 3.2 mm | 1.6 mm | ### 2. Common Component Types: CSS1206 While many components use the 1206 footprint, the "CSS" prefix typically refers to **Current Sense Surface-mount** resistors. #### A. Current Sense Resistors (Shunts) * **Purpose:** Used to measure current flow in a circuit by monitoring the voltage drop across the resistor ($V = I \times R$). * **Key Characteristics:** * **Low Resistance:** Usually in the milliohm ($m\Omega$) range (e.g., $10m\Omega$ to $500m\Omega$). * **High Precision:** Tight tolerances (often 1% or 0.5%). * **High Power Rating:** 1206 packages typically handle **0.25W to 0.5W**, though specialized metal foil versions can go higher. #### B. Standard Thick Film Resistors If "CSS" refers to a general series from a manufacturer (like TE Connectivity or Yageo), they are standard components used for pull-up/down resistors or signal conditioning. --- ### 3. Technical Specifications Comparison Below is a typical specification table for a **CSS1206** style current sense resistor: | Parameter | Typical Value | | :--- | :--- | | **Power Rating** | 0.25W - 1.0W (depending on construction) | | **Resistance Range** | $1m\Omega$ to $1\Omega$ | | **Temperature Coefficient (TCR)** | $\pm 100$ to $\pm 600 \text{ ppm/}^\circ\text{C}$ | | **Operating Temperature** | $-55^\circ\text{C}$ to $+155^\circ\text{C}$ | | **Termination Material** | Matte Tin (Sn) over Nickel (Ni) | --- ### 4. PCB Design Considerations When using 1206 components in a design, keep the following in mind: * **Land Pattern:** Ensure the pads on your PCB are sized correctly (usually $3.2mm \times 1.6mm$ plus a small margin for soldering). * **Thermal Relief:** Because 1206 components (especially current sensors) generate heat, wide copper traces are recommended to act as a heat sink. * **Kelvin Connection:** For high-accuracy current sensing, a 4-terminal (Kelvin) layout is often used, though standard 1206 parts have 2 terminals.
    ✨ Follow-up Questions
    • ⤷ What is the difference between 1206 and 0805 component sizes?
    • ⤷ How do I calculate the power dissipation for a CSS1206 resistor in my circuit?
    • ⤷ Can 1206 capacitors handle higher voltages than smaller sizes like 0402?