Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CSS125F

  • AI
    The **CSS125F** is a specialized electronic component, specifically a **Surface Mount (SMD) Current Sense Resistor** manufactured by companies like Stackpole Electronics. These parts are designed to measure current flow by creating a small, predictable voltage drop across their terminals. --- ## Technical Specifications The "CSS" series focuses on ultra-precision and high power handling in a small footprint. Below are the typical electronic characteristics: | Feature | Specification (Typical) | | :--- | :--- | | **Resistance Range** | 0.5 mΩ to 100 mΩ | | **Power Rating** | 1W to 2W (depending on thermal management) | | **Tolerance** | ±1% or ±5% | | **Temperature Coefficient (TCR)** | ±15 ppm/°C to ±50 ppm/°C | | **Package Size** | 1206 (Metric 3216) | | **Operating Temp** | -55°C to +170°C | --- ## Key Electronic Components & Construction ### 1. Resistive Element Unlike standard thick-film resistors that use a paste, the CSS125F typically uses a **Metal Alloy** plate. * **Benefit:** This provides superior stability and allows the part to handle high current surges without burning out. * **Precision:** Metal alloys offer much lower TCR, meaning the resistance doesn't change significantly as the part heats up. ### 2. Termination (Electrodes) The part uses large, robust solder pads to minimize contact resistance. * **Composition:** Usually Tin (Sn) over Nickel (Ni) barriers. * **Purpose:** Since the resistance of the part itself is so low (milliohms), any resistance in the solder joint can cause measurement errors. The CSS125F design minimizes this "parasitic" resistance. ### 3. Thermal Management The "F" in the series often denotes specific molding or coating materials that are flame retardant. The structure is designed to dissipate heat directly into the PCB copper traces. --- ## Applications in Circuitry The CSS125F is used in circuits where monitoring power consumption is critical: 1. **Battery Management Systems (BMS):** To monitor charge and discharge rates in Li-ion packs. 2. **DC-DC Converters:** Used in the feedback loop to regulate output current. 3. **Motor Control:** Detecting "over-current" conditions to prevent motor burnout. 4. **Power Inverters:** Measuring the efficiency of power conversion. --- ## Example Circuit Implementation In a typical high-side current sensing circuit, the CSS125F is placed in series with the load. ```arduino // Theoretical Calculation for CSS125F (Example: 10mOhm) V_sense = Current * Resistance If Current = 5A and Resistance = 0.010 Ohms (10mΩ): V_sense = 5 * 0.010 = 0.050V (50mV) ``` *The 50mV signal is then sent to an Operational Amplifier (Op-Amp) to be scaled for a Microcontroller.*
    ✨ Follow-up Questions
    • ⤷ What is the difference between thick film and metal alloy current sense resistors?
    • ⤷ How do I calculate the power dissipation for a CSS125F in my circuit?
    • ⤷ Can the CSS125F be used for AC current sensing?