Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CSS310AS-A

  • AI
    The **CSS310AS-A** is a specialized electronic component, specifically a **Surface Mount Device (SMD) Current Sense Resistor**. These components are critical in power management circuits for monitoring current flow by converting current into a measurable voltage drop. --- ## 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (often related to Viking Tech or similar precision resistor producers). | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Current Sense Resistor (Metal Strip / Low Ohm) | | **Package Size** | 1206 (3.10mm x 1.60mm) | | **Resistance Range** | Typically 0.5mΩ to 100mΩ | | **Power Rating** | 1W to 1.5W (High power density for its size) | | **Tolerance** | ±1% or ±5% | | **Operating Temp** | -55°C to +170°C | --- ## 2. Internal Construction The CSS310AS-A is engineered differently than standard thick-film resistors to handle high current without burning out. * **Metal Element:** It utilizes a manganese-copper or nickel-chromium alloy strip. Metal alloys provide better stability and lower thermal noise than carbon or ceramic. * **Substrate:** Often features a ceramic or metal substrate to dissipate heat efficiently to the PCB. * **Coating:** Encapsulated in a high-temperature epoxy or silicone coating for environmental protection. --- ## 3. Key Electronic Functions In a circuit, the CSS310AS-A performs three primary roles: ### A. Current Measurement (Ohm's Law) By placing this resistor in series with a load, a small voltage ($V$) is created across it. Using $I = V / R$, a microcontroller or Power Management IC (PMIC) can calculate the exact current flowing through the system. ### B. Overcurrent Protection If the voltage across the CSS310AS-A exceeds a predefined threshold, the control circuit can trigger a shutdown to protect sensitive components from a short circuit. ### C. Battery Management In mobile devices or laptops, these parts are used to monitor the "Fuel Gauge" of the battery—tracking how much current is entering (charging) or leaving (discharging) the cells. --- ## 4. Application Areas * **DC-DC Converters:** For feedback loops in voltage regulation. * **Motor Controllers:** To monitor torque and prevent stalling. * **Battery Protection Boards (BMS):** For balancing and safety. * **Automotive Electronics:** Used in LED lighting modules and sensor interfaces. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a metal strip and a thick film current sense resistor?
    • ⤷ How do I calculate the power dissipation for a 10mΩ CSS310AS-A resistor?
    • ⤷ What are the common failure modes of SMD current sense resistors?