CSS3522
AI

The **CSS3522** (and its common variant, the CS35L22) is a specialized electronic component primarily used as a **Low-Power Smart Audio Amplifier**. It is commonly found in mobile devices, tablets, and portable electronics where space is limited and power efficiency is critical.
---
## 1. Core Technical Specifications
The CSS3522 is designed to drive high-performance micro-speakers while protecting them from damage.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Digital Input Class-D Audio Amplifier |
| **Output Power** | ~5.3W into 4 $\Omega$ at 1% THD+N |
| **Interface** | I2S / TDM for Audio; I2C for Control |
| **Supply Voltage** | 2.5V to 5.5V |
| **Architecture** | Integrated Boost Converter + Class-D Amp |
| **Package** | WLCSP (Wafer Level Chip Scale Package) |
---
## 2. Key Internal Components
To understand the electronics of the CSS3522, it is best to look at its functional blocks:
### A. Integrated Boost Converter
The chip features an onboard DC-DC boost converter. This allows the amplifier to provide a higher voltage to the speaker than the battery voltage (e.g., boosting 3.7V to 8.5V), resulting in louder, clearer sound without distortion.
### B. Speaker Protection Algorithm
One of the most "smart" aspects of this part is its **thermal and excursion protection**.
* **Current/Voltage (IV) Sensing:** It monitors the current and voltage flowing to the speaker in real-time.
* **Prevention:** It calculates the speaker's temperature and diaphragm movement to prevent the coil from burning out or the cone from over-extending.
### C. Digital Audio Path
It accepts digital PCM (Pulse Code Modulation) data via an **I2S (Inter-IC Sound)** bus. This eliminates the need for an external DAC (Digital-to-Analog Converter), reducing noise interference on the PCB.
---
## 3. Pinout and Connectivity
In a typical circuit design, the CSS3522 involves the following connections:
1. **VBST:** Boost converter output (usually requires a large capacitor).
2. **OUT+/-:** Differential outputs connected directly to the speaker.
3. **SCL/SDA:** I2C lines used by the Application Processor (AP) to configure volume and protection limits.
4. **SDIN:** Serial Data Input for the audio stream.
5. **INT:** Interrupt pin to alert the system of errors (over-temperature, short circuit).
---
## 4. Common Applications
* **Smartphones:** Driving the bottom or top earpiece speaker.
* **Laptops:** Providing high-volume output from tiny internal speakers.
* **IoT Devices:** Used in smart assistants (like Alexa or Google Home Mini) for clear voice feedback.
- ⤷
How does the IV sense technology improve audio quality compared to standard amplifiers?
- ⤷ What are the common failure symptoms of a CSS3522 chip in mobile devices?
- ⤷ Can the CSS3522 be used with analog audio inputs?