Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CSS500

  • AI
    The **CSS500** refers to a high-performance **Current Sensor** series, typically manufactured by companies like *Sendyne*. These sensors are primarily used in Electric Vehicles (EVs), Battery Management Systems (BMS), and high-power industrial energy storage. Below is a breakdown of the electronic parts and technical architecture of the CSS500. --- ### 1. Core Component: The Shunt Resistor At the heart of the CSS500 is a **low-resistance shunt**. Unlike Hall Effect sensors that measure magnetic fields, the CSS500 measures the voltage drop across a known resistance. | Component | Description | | :--- | :--- | | **Material** | Usually Manganin or similar low-temperature coefficient alloys. | | **Resistance Value** | Extremely low (often in the micro-ohm range) to minimize power dissipation ($P = I^2R$). | | **Current Rating** | Designed to handle continuous loads up to 500A and peaks significantly higher. | ### 2. The Integrated Circuit (IC) Module The CSS500 is not just a piece of metal; it contains a highly sophisticated **Data Acquisition System (DAQ)**. * **Analog-to-Digital Converter (ADC):** Typically features a 24-bit Sigma-Delta ADC for extreme precision. * **Voltage Sensing Leads:** Internal pins connected to the shunt to measure the millivolt ($mV$) drop. * **Temperature Sensor:** An internal NTC or digital sensor used for **Thermal Compensation**. Since resistance changes with temperature, the IC adjusts the calculations in real-time. ### 3. Communication Interface The electronics include a controller that converts analog signals into digital data for the vehicle's ECU. | Part | Function | | :--- | :--- | | **CAN Bus Transceiver** | Usually supports **CAN 2.0B** or **CAN FD** for high-speed communication. | | **Galvanic Isolation** | High-grade digital isolators (e.g., capacitive or optical) to separate the high-voltage battery side from the low-voltage control electronics. | ### 4. Technical Specifications Summary | Feature | Specification (Typical) | | :--- | :--- | | **Measurement Range** | $\pm$ 500A (Continuous) | | **Supply Voltage** | 5V or 12V (Logic side) | | **Accuracy** | Often < 1.0% across the entire temperature range | | **Resolution** | Down to milliamps (mA) | --- ### 5. Application Circuit Diagram (Logic) The CSS500 acts as a "smart" bridge between the battery and the motor controller: ```mermaid graph LR A[Battery Positive] --> B[CSS500 Shunt] B --> C[Motor Controller/Inverter] subgraph CSS500 Electronics D[24-bit ADC] --- E[Microprocessor] E --- F[CAN Transceiver] end B -.-> D ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the CSS500 shunt-based sensor and a Hall Effect sensor?
    • ⤷ How does the CSS500 handle thermal compensation for current accuracy?
    • ⤷ What are the specific CAN bus protocols used by the CSS500 for data transmission?