AI

It appears you are referring to the **CSS98**, which is a specialized integrated circuit often used in the manufacturing of low-cost electronics, most notably in the production of digital quartz watches, simple calculators, and LCD handheld games.
Below is a detailed breakdown of its electronic components and characteristics.
---
### 1. General Overview
The **CSS98** (often part of a series like the CSS9803 or CSS9801) is a CMOS-based micro-controller or dedicated ASIC (Application-Specific Integrated Circuit). It is designed to drive LCD screens and manage timekeeping functions with minimal power consumption.
### 2. Key Electronic Specifications
| Feature | Description |
| :--- | :--- |
| **Technology** | CMOS (Complementary Metal-Oxide-Semiconductor) |
| **Operating Voltage** | Typically 1.2V to 1.8V (ideal for button cells) |
| **Current Consumption** | Ultra-low (Microampere range) |
| **Oscillator Frequency** | Usually 32.768 kHz (standard watch crystal) |
| **Package Type** | Often sold as **COB (Chip on Board)** or Die form |
---
### 3. Internal Components and Architecture
The internal circuitry of a CSS98-series chip generally consists of the following functional blocks:
#### A. The Oscillator Circuit
* **Function:** Generates the base frequency.
* **External Parts:** It requires an external 32.768 kHz quartz crystal and two small capacitors to maintain a stable clock signal.
#### B. Frequency Divider
* Since the processor operates at a lower rate than the crystal, a series of flip-flops divides the 32,768 Hz signal down to 1 Hz (one pulse per second) for timekeeping.
#### C. LCD Driver Logic
* The chip contains a built-in multi-segment driver.
* It manages the **Common (COM)** and **Segment (SEG)** lines required to energize the liquid crystals without needing an external driver.
#### D. Control Logic / ROM
* Contains the hard-coded logic for the specific device (e.g., Time, Date, Alarm, or Stopwatch functions).
---
### 4. Typical Application Circuit (Pinout Logic)
When integrated into a PCB, the CSS98 follows a standard wiring pattern:
1. **Vdd / Vss:** Power supply pins (usually connected to a 1.5V AG13/LR44 battery).
2. **OSCI / OSCO:** Connection points for the quartz crystal.
3. **Key Inputs:** Pins for "Mode," "Set," and "Adjust" buttons.
4. **LCD Pins:** A series of outputs (SEG1, SEG2... COM1, COM2) that connect directly to the zebra connector of the LCD.
5. **BZ:** Output pin for a piezo-electric buzzer (if the model supports alarms).
---
### 5. Common Use Cases
* **Digital Wristwatches:** The most common application for the CSS9803 variant.
* **Promotional Clocks:** Small, inexpensive desk clocks.
* **LCD Timers:** Kitchen timers and industrial countdown modules.
- ⤷
What is the difference between CSS98 and other watch ICs like the UTC7642?
- ⤷ Can the CSS98 chip be reprogrammed for custom functions?
- ⤷ How do you troubleshoot a CSS98 circuit that is not displaying anything on the LCD?