CSSK0612
AI

The **CSSK0612** is a high-precision, low-resistance **current sense chip resistor** (often referred to as a "shunt"). It is designed for measuring current by monitoring the voltage drop across the component.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications
The "0612" in the part number refers to its physical dimensions (0.06 x 0.12 inches), which is a **wide-terminal** configuration.
| Feature | Specification |
| :--- | :--- |
| **Case Size** | 0612 (Metric 1632) |
| **Terminal Style** | Wide Terminal (Reverse geometry) |
| **Power Rating** | Typically 1W to 2W (depending on manufacturer) |
| **Resistance Range** | Very low (typically 0.5mΩ to 100mΩ) |
| **Tolerance** | ±1% (Standard) or ±0.5% (Precision) |
| **TCR (Temp. Coefficient)** | ±50ppm/°C to ±100ppm/°C |
| **Technology** | Metal Alloy / Metal Plate |
---
## 2. Key Design Features
### Wide Terminal Architecture
Unlike standard resistors where the terminals are on the short sides, the 0612 has terminals on the **long sides**. This provides several advantages:
* **Lower Inductance:** Ideal for high-frequency switching applications.
* **Better Heat Dissipation:** The larger contact area allows heat to transfer more efficiently to the PCB.
* **Solder Joint Integrity:** Reduced thermal stress on the solder joints.
### Metal Plate Construction
The CSSK series typically utilizes a solid metal alloy element. This construction ensures high stability, low noise, and the ability to withstand high current surges without failing, compared to thick-film alternatives.
---
## 3. Applications
The CSSK0612 is primarily used in power management circuits where efficiency and accuracy are critical:
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles.
* **DC-DC Converters:** Providing feedback for current-mode control.
* **Motor Control:** Detecting phase current for precise torque control.
* **Consumer Electronics:** Power sensing in laptops and smartphones.
---
## 4. Typical Internal Circuit (Kelvin Sensing)
To achieve high accuracy with low resistance values, these resistors are often used in a **4-wire (Kelvin) connection** layout on the PCB to eliminate the resistance of the copper traces from the measurement.
```text
I (Current In) ----[ R_SENSE ]---- I (Current Out)
| |
V1 V2 <-- Voltage Measurement Nodes
```
- ⤷
What are the benefits of wide-terminal resistors over standard 1206 packages?
- ⤷ How do I calculate the power dissipation for a CSSK0612 resistor in my circuit?
- ⤷ Which manufacturers produce the CSSK0612 series?