AI

## CSTCC10M0G53A-R0: Electronic Component Overview
The **CSTCC10M0G53A-R0** is a ceramic resonator from the **CERALOCK®** product line, manufactured by **Murata Manufacturing Co., Ltd.** It is primarily used as a timing clock source for microprocessors and other digital circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Resonant Frequency** | 10.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Operating Temperature** | -20°C to +80°C |
| **Frequency Stability** | ±0.3% (over temperature range) |
| **Internal Capacitance** | 15 pF (Built-in load capacitors) |
| **Package Type** | Surface Mount (SMD) |
| **Mounting Style** | 7.2mm x 3.0mm (standard CSTCC footprint) |
---
### 2. Functional Characteristics
#### A. Ceramic Resonator Technology
Unlike quartz crystals which use silicon dioxide, this part uses high-stability piezoelectric ceramics. While slightly less precise than quartz, it offers faster start-up times and a smaller physical footprint.
#### B. Built-in Load Capacitors
The "CST" prefix indicates that this device includes **built-in load capacitors**.
* **Advantage:** This eliminates the need for two external capacitors on the PCB, saving board space and reducing the Bill of Materials (BOM) cost.
* **Circuitry:** It typically features three terminals: Input, Ground, and Output.
#### C. Durability and Stability
* **Aging:** Very low frequency drift over time.
* **Mechanical:** High resistance to vibration and shock compared to delicate glass-sealed crystals.
---
### 3. Part Number Breakdown
The Murata part numbering system conveys specific details:
* **CSTCC**: Series name (SMD type with built-in capacitance).
* **10M0**: Frequency (10.0 Megahertz).
* **G**: Frequency tolerance (G = ±0.5%).
* **53**: Load capacitance code (5 indicates 15pF).
* **A**: Individual specification code.
* **-R0**: Packaging code (Plastic taping, 2000 pcs/reel).
---
### 4. Common Applications
1. **Microcontrollers:** Serving as the external clock source for MCUs in consumer electronics.
2. **Peripherals:** Used in USB hubs, keyboards, and printers.
3. **Automotive (Non-Safety):** Car audio systems and dashboard displays.
4. **Home Appliances:** Control timing for washing machines, microwaves, and AC units.
---
- ⤷
How does the frequency stability of this ceramic resonator compare to a standard quartz crystal?
- ⤷ What are the pinout connections for a 3-terminal ceramic resonator like the CSTCC?
- ⤷ Can this part be used in high-temperature automotive engine environments?