CSTCC3M07G56-R0_V01
AI

The **CSTCC3M07G56-R0** belongs to the Murata CERALOCK® family. It is a surface-mount (SMD) ceramic resonator with built-in load capacitors. These components are primarily used as frequency sources for microprocessors and microcontrollers where extreme precision (like that of a quartz crystal) is not required, but cost and space are critical.
---
### 1. Component Specifications
Below are the primary technical parameters for the CSTCC series resonator at the specified frequency:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | CSTCC3M07G56-R0 |
| **Frequency** | 3.07 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Resonant Impedance** | 50 $\Omega$ (Max) |
| **Built-in Capacitance** | 47 pF (Typical) |
| **Operating Temperature** | -20°C to +80°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 7.2 x 3.0 mm (approx.) |
---
### 2. Key Features and Design
The "CSTCC" series is distinct due to its integrated design:
* **Built-in Load Capacitors:** Unlike standard crystals that require two external capacitors to oscillate, this part has them built-in. This reduces the component count from three to one.
* **Three-Terminal Design:**
* **Pin 1:** Input (Connected to MCU XTAL1)
* **Pin 2:** Ground (Connected to VSS)
* **Pin 3:** Output (Connected to MCU XTAL2)
* **Mechanical Strength:** Ceramic resonators are generally more resistant to physical shock and vibration compared to glass-sealed quartz crystals.
---
### 3. Application Use Cases
This specific 3.07 MHz frequency is often utilized in:
* **Low-Speed Microcontrollers:** Clocking for 8-bit or 16-bit MCUs.
* **Consumer Electronics:** Remote controls, white goods (washers/dryers), and toys.
* **Communication Interfaces:** Older UART or specific baud rate generation requirements.
---
### 4. Comparison: Resonator vs. Crystal
| Feature | Ceramic Resonator (CSTCC) | Quartz Crystal |
| :--- | :--- | :--- |
| **Accuracy** | Lower (±0.5%) | Higher (±0.001%) |
| **Cost** | Low | Higher |
| **Startup Time** | Very Fast | Slower |
| **Size** | Small (Integrated Caps) | Larger (External Caps needed) |
---
### 5. Part Number Breakdown (Typical Murata Coding)
* **CSTCC:** Product series (SMD Ceramic Resonator with built-in caps).
* **3M07:** Nominal frequency (3.07 MHz).
* **G:** Frequency tolerance (±0.5%).
* **56:** Code for specific internal capacitance/characteristics.
* **R0:** Packaging code (usually refers to Tape & Reel).
- ⤷
What are the advantages of using a ceramic resonator over a quartz crystal in a design?
- ⤷ How does the built-in capacitance affect the oscillation circuit layout?
- ⤷ Is the CSTCC3M07G56-R0 suitable for high-precision timing applications like RTCs?