CSTCE12M0G15L99-R0
AI

## Technical Overview: CSTCE12M0G15L99-R0
The **CSTCE12M0G15L99-R0** is a specific model of a **Ceramic Resonator** manufactured by **Murata Electronics**. It belongs to the CERALOCK® family, which are high-precision components used to provide a stable clock signal for microcontrollers and other digital circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 12.000 MHz |
| **Frequency Tolerance** | ±0.1% |
| **Built-in Capacitance** | 33 pF (Internal Load Caps) |
| **Package Type** | SMD (Surface Mount Device) |
| **Dimensions** | 3.2 x 1.3 mm |
| **Operating Temperature** | -40°C to +125°C |
| **Frequency Aging** | ±0.1% / 10 years |
---
### 2. Functional Description
#### Built-in Capacitors
Unlike traditional crystals that often require external loading capacitors to oscillate, this component features **integrated load capacitors**. This simplifies the PCB design, saves space, and reduces the Bill of Materials (BOM) cost.
#### Piezoelectric Effect
It functions based on the mechanical vibration of a piezoelectric ceramic material. When an electrical signal is applied, the ceramic vibrates at its resonant frequency (12 MHz), which is then used to synchronize the timing of digital systems.
---
### 3. Application Use Cases
This part is commonly found in:
* **Automotive Electronics:** Infotainment systems, cluster displays, and comfort modules (due to the high-temperature rating).
* **Consumer Electronics:** Remote controls, white goods (washers/dryers), and small appliances.
* **Microcontrollers:** Serving as the external clock source for MCUs that require higher precision than internal RC oscillators but lower cost than quartz crystals.
---
### 4. Comparison: Ceramic Resonator vs. Quartz Crystal
| Feature | Ceramic Resonator | Quartz Crystal |
| :--- | :--- | :--- |
| **Accuracy** | Moderate (±0.1% to 0.5%) | High (ppm levels) |
| **Start-up Time** | Very Fast | Slow |
| **Size** | Small/Thin | Larger |
| **Cost** | Low | High |
| **Durability** | High (Vibration resistant) | Fragile |
---
### 5. Part Number Breakdown (Murata Logic)
* **CSTCE**: Series (SMD type with built-in caps).
* **12M0**: Frequency (12.000 MHz).
* **G**: Frequency tolerance code.
* **15**: Load capacitance code.
* **R0**: Packaging code (Plastic Tape/Reel).
- ⤷
How do the built-in capacitors in this resonator simplify PCB layout?
- ⤷ What are the advantages of using a ceramic resonator over a quartz crystal in automotive environments?
- ⤷ Is this part suitable for high-speed USB communication timing?