CSTCE13M5G52-R0
AI

## Technical Overview of CSTCE13M5G52-R0
The **CSTCE13M5G52-R0** is a specific model of a **Ceramic Resonator** manufactured by Murata Electronics. It belongs to the CERALOCK® family, which are high-precision components used to provide a stable clock signal for microcontrollers and other digital circuits.
---
### 1. Key Technical Specifications
The following table summarizes the core electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Nominal Frequency** | 13.520 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.3% (over temperature) |
| **Built-in Load Capacitance** | 10 pF |
| **Operating Temperature** | -20°C to +80°C |
| **Package Type** | SMD (Surface Mount Device) |
| **Package Dimensions** | 3.2 x 1.3 mm (Small Cap Chip Type) |
| **Resonant Impedance** | 40 Ω (Max) |
---
### 2. Functional Components
A ceramic resonator is an electromechanical device that utilizes the **Piezoelectric Effect**. The CSTCE series includes three primary internal elements:
1. **Ceramic Substrate:** A high-Q piezoelectric ceramic material that vibrates at a specific frequency when an AC voltage is applied.
2. **Integrated Capacitors:** Unlike standard crystals that require external loading capacitors, the "CST" series has these built-in. This reduces the PCB footprint and simplifies design.
3. **Electrodes:** Metallic layers that facilitate the connection between the ceramic element and the circuit traces.
---
### 3. Comparison: Ceramic Resonator vs. Quartz Crystal
While they serve similar purposes, the CSTCE13M5G52-R0 differs from a traditional quartz crystal in several ways:
| Feature | Ceramic Resonator (CSTCE) | Quartz Crystal |
| :--- | :--- | :--- |
| **Accuracy** | Moderate (±0.5%) | High (±0.001%) |
| **Start-up Time** | Very Fast | Slower |
| **Size** | Small (Integrated Caps) | Larger (External Caps needed) |
| **Cost** | Lower | Higher |
| **Durability** | High Mechanical Strength | Fragile (Sensitive to shock) |
---
### 4. Typical Application Circuit
In a typical microcontroller application, the CSTCE13M5G52-R0 connects to the `OSC_IN` and `OSC_OUT` pins. Because it has built-in capacitors, the center pin (Pin 2) is connected to **Ground (GND)**.
```text
Microcontroller
+---------------+
| |
| [OSC_IN] [OSC_OUT]
+-------+-------+
| |
+-------+-------+-------+
| (1) (2) (3) |
| Input GND Output| <-- CSTCE13M5G52-R0
+-----------------------+
```
---
### 5. Common Use Cases
* **Microcontrollers:** Providing the main system clock for 8-bit or 16-bit MCUs.
* **USB Peripherals:** Clocking for low-speed USB devices.
* **Consumer Electronics:** Remote controls, toys, and small appliances where extreme precision (like a real-time clock) is not required.
* **Automotive:** (Non-safety critical) such as infotainment controls.
- ⤷
What is the significance of the 10 pF load capacitance in this specific model?
- ⤷ Can this resonator be used in applications requiring high-speed USB 3.0 communication?
- ⤷ How does the 'G52' suffix in the part number define its tolerance or packaging?