CSTCE16M0V13C99-R0
AI

### Analysis of the CSTCE16M0V13C99-R0
The **CSTCE16M0V13C99-R0** is a ceramic resonator manufactured by **Murata Electronics**. It belongs to the **CERALOCK®** product line, which is widely used as a cost-effective alternative to quartz crystals for providing timing signals in microcontrollers and other digital circuits.
---
### Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Frequency** | 16.000 MHz |
| **Frequency Tolerance** | ±0.1% |
| **Resonant Impedance** | 40 Ω (Maximum) |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade) |
| **Load Capacitance** | 15 pF (Built-in) |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 3.2 x 1.3 mm (CSTCE Case) |
---
### Key Features and Internal Components
1. **Built-in Load Capacitors:**
Unlike standard quartz crystals that require external capacitors (C1 and C2) to form an oscillation circuit, this part has **internal capacitors**. This reduces the component count and saves PCB space.
2. **Automotive Grade:**
The "V" in the part number indicates high reliability. This part is qualified for automotive applications, meaning it can withstand extreme temperature fluctuations and mechanical vibrations.
3. **Piezoelectric Ceramic Material:**
It utilizes the mechanical resonance of piezoelectric ceramics. While slightly less precise than quartz, it has a faster startup time and is physically more robust against shock.
---
### Pin Configuration
The device typically has three terminals:
| Pin Number | Function | Description |
|:---:|:---|:---|
| 1 | Input | Connected to the MCU Oscillator Input |
| 2 | Ground | Common Ground for internal capacitors |
| 3 | Output | Connected to the MCU Oscillator Output |
---
### Comparison: Ceramic Resonator vs. Quartz Crystal
```markdown
- Stability: Quartz is superior (ppm vs. % tolerance).
- Cost: Ceramic resonators are generally cheaper.
- Size: Ceramic resonators are smaller due to integrated capacitors.
- Startup Time: Ceramic resonators reach stable oscillation faster than crystals.
```
---
- ⤷
What are the differences between the CSTCE and CSTCR series?
- ⤷ How do I calculate the power consumption of this resonator in a circuit?
- ⤷ Can this part be used in safety-critical automotive systems?