CSTCE20M0V13L99-R0
AI

### Technical Overview: CSTCE20M0V13L99-R0
The **CSTCE20M0V13L99-R0** is a miniature Surface Mount Device (SMD) ceramic resonator produced by **Murata Electronics**. It belongs to the **CERALOCK®** family, which utilizes the mechanical resonance of piezoelectric ceramics to provide a stable frequency source for microcontrollers and other digital circuits.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 20.000 MHz |
| **Frequency Tolerance** | ±0.1% |
| **Frequency Stability** | ±0.1% (within temp. range) |
| **Operating Temperature** | -40°C to +125°C |
| **Load Capacitance** | 5 pF (Internal) |
| **Resonant Impedance** | 40 Ω (Max) |
| **Package Size** | 3.2 x 1.3 mm (SMD) |
| **Mounting Type** | Surface Mount |
---
### 2. Physical Structure & Internal Circuits
The "CSTCE" series is unique because it integrates **internal load capacitors**. This simplifies the PCB design significantly compared to standard quartz crystals.
#### Internal Schematic Logic:
```text
[Pin 1] ----[ Ceramic Element ]---- [Pin 3]
| |
[Cap] [Cap]
|__________________|
|
[Pin 2] (GND)
```
* **Pin 1 & 3:** Input/Output (Connected to the MCU's OSC_IN and OSC_OUT).
* **Pin 2:** Ground (Common connection for internal capacitors).
---
### 3. Advantages vs. Quartz Crystals
While quartz crystals are more precise, ceramic resonators like the CSTCE20M0V13L99-R0 offer specific benefits in industrial and automotive applications:
1. **Cost-Effective:** Significantly cheaper than high-precision quartz.
2. **Built-in Capacitance:** Eliminates the need for two external capacitors, saving board space and reducing the Bill of Materials (BOM).
3. **High Stability:** The "V" in the part number indicates high-temperature stability, making it suitable for automotive or harsh industrial environments.
4. **Fast Start-up:** Ceramic resonators generally reach stable oscillation faster than quartz crystals.
---
### 4. Typical Applications
* **Microcontroller Clocks:** Providing the base clock frequency for 8-bit, 16-bit, and 32-bit MCUs.
* **Automotive Electronics:** Infotainment systems, body control modules, and ECU peripherals (due to the -40 to +125°C rating).
* **Consumer Electronics:** USB peripherals, white goods, and remote controls.
- ⤷
How does the frequency tolerance of this ceramic resonator compare to a standard quartz crystal?
- ⤷ What are the specific soldering profile recommendations for this SMD package?
- ⤷ Can this component be used in high-vibration environments?