Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CSTCE20M0V51Z-R0

  • AI
    ## Overview of CSTCE20M0V51Z-R0 The **CSTCE20M0V51Z-R0** is a surface-mount (SMD) ceramic resonator produced by **Murata Manufacturing**. It is part of the CERALOCK® product line, designed to provide a stable clock signal for microcontrollers and other timing-sensitive circuits. --- ### Technical Specifications The following table summarizes the key electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Nominal Frequency** | 20.000 MHz | | **Frequency Tolerance** | ±0.5% | | **Frequency Stability** | ±0.3% (over temp range) | | **Operating Temperature** | -40°C to +125°C | | **Built-in Load Capacitance** | 5 pF (integrated) | | **Package Type** | SMD (Small Case Type) | | **Dimensions** | 3.2 x 1.3 mm | --- ### Key Internal Features 1. **Built-in Load Capacitors:** Unlike standard quartz crystals that require external capacitors to form an oscillation circuit, this "CERALOCK" device integrates two 5pF capacitors internally. This saves PCB space and reduces the Bill of Materials (BOM). 2. **Ceramic Material:** It utilizes the piezoelectric properties of ceramics. While generally less precise than quartz crystals, ceramic resonators are more cost-effective, offer faster start-up times, and are physically more robust against vibration. 3. **Automotive Grade:** The wide temperature range (up to 125°C) makes it suitable for automotive and high-reliability industrial applications. --- ### Comparison: Ceramic Resonator vs. Quartz Crystal | Feature | Ceramic Resonator (CSTCE) | Quartz Crystal | | :--- | :--- | :--- | | **Cost** | Lower | Higher | | **Precision** | Moderate (0.1% to 0.5%) | High (ppm levels) | | **Size** | Small (Built-in Caps) | Requires external Caps | | **Start-up Time** | Very Fast | Slower | --- ### Typical Application Circuit The component has 3 terminals: **Input**, **Ground**, and **Output**. Below is a conceptual representation of how it connects to a Microcontroller (MCU). ```text MCU ___________ | | | OSC_IN <----[ Pin 1: Input ]----. | | | | GND <----[ Pin 2: Ground ]--+-- (System Ground) | | | | OSC_OUT >----[ Pin 3: Output ]---' |___________| ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 2-pin and 3-pin ceramic resonator?
    • ⤷ Can this part be used in automotive safety systems?
    • ⤷ How does frequency stability change with aging for this component?