AI

## Technical Overview: CSTCG24M0V53-R0
The **CSTCG24M0V53-R0** is a miniature ceramic resonator with built-in load capacitors, manufactured by **Murata Electronics**. It belongs to the **CERALOCK®** product line, specifically the CSTCG series, which is designed for high-density surface mount applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Frequency** | 24.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.3% |
| **Internal Capacitance** | 5 pF (Built-in) |
| **Operating Temperature** | -20°C to +80°C |
| **Package / Case** | 0805 (2.0mm x 1.25mm) |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Physical Structure and Pinout
The device is a 3-terminal component. Unlike a standard 2-pin crystal, this part simplifies the PCB layout by integrating the necessary capacitors.
1. **Input/Output (Terminal 1 & 3):** Connected to the oscillator pins of the MCU.
2. **Ground (Terminal 2 - Middle):** Connected to the system ground.
### 3. Core Features
* **Integrated Capacitors:** By building the load capacitors into the ceramic package, it eliminates the need for external capacitors, saving significant board space.
* **Small Footprint:** The 2.0mm x 1.25mm size is ideal for compact consumer electronics.
* **High Stability:** While not as precise as a quartz crystal, ceramic resonators offer much better stability than internal RC oscillators in microcontrollers.
* **Fast Startup:** Ceramic resonators typically have a faster startup time compared to quartz crystals.
---
### 4. Common Applications
This part is widely used in circuits where timing is important but absolute precision (like in high-speed networking) is not critical:
* **Microcontrollers (MCUs):** Providing the clock source for 8-bit or 32-bit MCUs.
* **USB Peripherals:** Often used in mouse, keyboard, or low-speed USB controllers.
* **Consumer Electronics:** Remote controls, toys, and small home appliances.
* **Portable Devices:** Audio players and handheld gadgets where space is a premium.
---
### 5. Implementation Example
When designing a PCB with this part, the middle pin must be connected to a clean ground plane to ensure the internal capacitors function correctly.
```c
// Typical Oscillator Configuration in Firmware
// Frequency: 24 MHz
// Type: External Resonator
#define F_CPU 24000000UL
```
- ⤷
How does the frequency stability of a ceramic resonator compare to a quartz crystal?
- ⤷ What are the advantages of using a 3-terminal resonator over a 2-terminal crystal?
- ⤷ Can this resonator be used for high-speed USB 2.0 communication?