CSTCG32M0V51-R0
AI

## Technical Overview of CSTCG32M0V51-R0
The **CSTCG32M0V51-R0** is a high-frequency **Ceramic Resonator** manufactured by Murata Electronics. It belongs to the CERALOCK® family, which is widely used as a cost-effective alternative to quartz crystals for clock oscillation in microprocessors.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Frequency** | 32.0000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Operating Temperature** | -20°C to +80°C |
| **Load Capacitance** | 5pF (Built-in) |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 2.0 x 1.3 mm (Small profile) |
| **Frequency Aging** | ±0.3% (over 10 years) |
---
### 2. Functional Characteristics
#### A. Built-in Load Capacitors
The "V" in the part number indicates that this resonator includes **built-in load capacitors**. This is a significant advantage for PCB design because:
* It reduces the external component count.
* It saves physical space on the board.
* It simplifies the oscillation circuit design.
#### B. Structure and Form Factor
The CSTCG series utilizes a small, lead-free SMD package. It consists of a piezoelectric ceramic substrate with electrodes, encased in a protective housing that can withstand standard reflow soldering processes.
#### C. Ceramic vs. Quartz
While quartz crystals offer higher precision (ppm level), ceramic resonators like the CSTCG32M0V51-R0 offer:
1. **Faster Start-up:** The oscillation starts quicker than quartz.
2. **Mechanical Ruggedness:** Higher resistance to vibration and shock.
3. **Lower Cost:** More economical for high-volume consumer electronics.
---
### 3. Typical Applications
This specific 32MHz resonator is commonly found in:
* **Microcontrollers (MCUs):** Providing the system clock for 8-bit or 32-bit controllers.
* **USB Peripherals:** Where frequency stability is required but extreme precision isn't mandatory.
* **Consumer Electronics:** Remote controls, small home appliances, and toys.
* **Communication Equipment:** High-speed data transfer interfaces.
---
### 4. Pin Configuration (Internal View)
The device typically has 3 terminals:
1. **Input:** Connected to the MCU's OSC_IN.
2. **Ground:** Connected to the system ground (shared by internal capacitors).
3. **Output:** Connected to the MCU's OSC_OUT.
---
- ⤷What is the difference between a ceramic resonator and a quartz crystal in terms of stability?
- ⤷ Can this part be used in automotive applications?
- ⤷ How does the built-in capacitance affect the PCB layout?