CSTCG33M8V51-R0
AI

## CSTCG33M8V51-R0: Electronic Component Specification
The **CSTCG33M8V51-R0** is a ceramic resonator from Murata’s **CERALOCK®** product line. It is commonly used as a frequency control component in microcontrollers and other digital circuits where high precision (like that of a quartz crystal) is not strictly required, but cost and space are critical.
---
### 1. General Specifications
The part number encodes specific technical details about its operation:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Murata Manufacturing Co., Ltd. |
| **Resonant Frequency** | 33.868 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Operating Temperature** | -20°C to +80°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 2.0 x 1.3 mm (Small Form Factor) |
---
### 2. Key Features
* **Built-in Load Capacitors:** Unlike standard quartz crystals that require external capacitors to form a resonant circuit, this "CERALOCK" part has internal capacitors. This reduces the component count on the PCB and saves space.
* **High Stability:** It offers better stability than traditional RC (Resistor-Capacitor) oscillators while remaining more cost-effective than quartz crystals.
* **Fast Startup:** Ceramic resonators typically have a faster oscillation startup time compared to quartz crystals.
* **Small Footprint:** The "CG" series is designed for miniaturization in portable electronics.
---
### 3. Application Use Cases
This specific frequency (33.868 MHz) and form factor are often found in:
1. **Audio/Video Equipment:** Often used in clock generation for CD/DVD players or digital audio interfaces.
2. **Microcontrollers:** Serving as the external clock source for high-speed MCUs.
3. **Communication Peripherals:** USB or Ethernet controllers that require specific clock frequencies.
---
### 4. Circuit Diagram Representation
In a typical circuit, the component has 3 terminals:
* **Input (Pin 1):** Connected to the MCU Oscillator Input (OSC_IN).
* **Ground (Pin 2 - Center):** Connected to the system ground (GND).
* **Output (Pin 3):** Connected to the MCU Oscillator Output (OSC_OUT).
```mermaid
graph LR
MCU_OSC_IN --- Pin1[Resonator Pin 1]
GND --- Pin2[Resonator Pin 2 - Center]
MCU_OSC_OUT --- Pin3[Resonator Pin 3]
```
---
- ⤷What is the difference between a ceramic resonator and a quartz crystal?
- ⤷ How do the built-in load capacitors affect the PCB design?
- ⤷ Can this component be used in automotive applications?