CSTCG35M0V53-R0
AI

### Technical Overview of CSTCG35M0V53-R0
The **CSTCG35M0V53-R0** is a specific model of a **Ceramic Resonator** manufactured by Murata Manufacturing. It belongs to the CERALOCK® family, which are high-reliability timing devices used to generate clock signals for microprocessors and other digital circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Oscillation Frequency** | 35.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Temperature Stability** | ±0.3% (varies by operating range) |
| **Built-in Load Capacitance** | 5 pF |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 2.0 x 1.3 mm (Small Form Factor) |
| **Operating Temperature** | -20°C to +80°C (Standard Industrial) |
---
### 2. Functional Components
This device is more than just a raw ceramic element; it is a composite component designed for easy integration:
* **Ceramic Resonator Element:** The core uses the mechanical vibration of piezoelectric ceramics to create a stable frequency.
* **Built-in Load Capacitors:** Unlike traditional crystals that require external capacitors (C1 and C2) to stabilize the oscillation loop, this part has them integrated internally. This saves PCB space and reduces the Bill of Materials (BOM).
* **3-Terminal Design:** It typically features three pads: Input, Ground, and Output.
---
### 3. Comparison: Ceramic Resonator vs. Quartz Crystal
The CSTCG35M0V53-R0 is often chosen over quartz crystals for specific reasons:
| Feature | Ceramic Resonator (CSTCG) | Quartz Crystal |
| :--- | :--- | :--- |
| **Cost** | Lower | Higher |
| **Size** | Generally smaller/thinner | Larger |
| **Start-up Time** | Very Fast | Slower |
| **Frequency Accuracy** | Moderate (±0.5%) | High (ppm level) |
| **Stability** | Good | Excellent |
---
### 4. Typical Applications
Due to its high frequency (35 MHz) and small footprint, it is commonly found in:
1. **USB Peripherals:** Providing the clock for high-speed data transfer.
2. **Microcontrollers:** Serving as the main system clock for MCUs where extreme precision (like a real-time clock) isn't mandatory.
3. **Consumer Electronics:** Used in cameras, portable audio players, and small household appliances.
---
### 5. Recommended Circuit Layout
To ensure the best performance, the resonator should be placed as close to the Microcontroller (MCU) as possible to minimize parasitic capacitance and EMI.
```c
// Typical Connection Diagram
[ MCU_OSC_IN ] <-----> [ Terminal 1: Input ]
[ GND ] <-----> [ Terminal 2: Ground ]
[ MCU_OSC_OUT] <-----> [ Terminal 3: Output ]
```
- ⤷
How does the built-in capacitance affect the PCB design compared to a standard crystal?
- ⤷ What are the specific soldering profile requirements for the CSTCG series?
- ⤷ Can this resonator be used in automotive applications requiring high temperature resistance?