CSTCV24M0X51Q-R0
AI

The **CSTCV24M0X51Q-R0** is a specific electronic component manufactured by **Murata Electronics**. It belongs to the **CERALOCK®** family, which are ceramic resonators used to provide stable clock signals for microcontrollers and other digital circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 24.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.3% |
| **Capacitance (Built-in)** | 5 pF (Standard) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | SMD (Surface Mount Device) |
| **Dimensions** | 3.7 x 3.1 x 1.2 mm |
---
### 2. Physical Structure and Pins
The "CSTCV" series is a **three-terminal** device. Unlike standard two-pin crystals, these ceramic resonators include internal load capacitors, which simplifies the PCB design.
* **Pin 1:** Input (Connected to MCU OSC_IN)
* **Pin 2:** Ground (GND)
* **Pin 3:** Output (Connected to MCU OSC_OUT)
### 3. Core Features
* **Built-in Capacitance:** The "V" in the part number indicates it includes load capacitors. This eliminates the need for two external capacitors, saving space and reducing BOM (Bill of Materials) costs.
* **High Temperature Rating:** The "Q" suffix often denotes automotive grade or high-reliability specifications, allowing it to operate in harsh environments up to 125°C.
* **Fast Startup:** Ceramic resonators typically have a faster startup time compared to quartz crystals, which is beneficial for low-power applications that wake up frequently from sleep mode.
### 4. Part Number Breakdown (Nomenclature)
| Segment | Meaning |
| :--- | :--- |
| **CSTCV** | Surface Mount Ceramic Resonator with Built-in Capacitance |
| **24M0** | 24.000 MHz Frequency |
| **X** | Specific frequency tolerance/stability code |
| **51** | Internal Load Capacitance code (5 pF) |
| **Q** | Operating Temperature/Automotive Grade |
| **-R0** | Packaging (Tape and Reel) |
---
### 5. Application Areas
1. **Automotive Systems:** Engine Control Units (ECUs), dashboard displays, and sensor modules.
2. **Microcontrollers:** Serving as the main clock source for 8-bit to 32-bit MCUs.
3. **Communication:** USB peripherals and high-speed serial data processing where ±0.5% tolerance is acceptable.
- ⤷
What are the main advantages of using a ceramic resonator over a quartz crystal?
- ⤷ How do the internal load capacitors in the CSTCV series affect PCB layout design?
- ⤷ Is the CSTCV24M0X51Q-R0 suitable for high-precision timing applications like RTCs?