CSTCV24M0X53Q-R0
AI

The **CSTCV24M0X53Q-R0** is a specific electronic component manufactured by **Murata Electronics**. It belongs to the **CERALOCK®** family, which are ceramic resonators used as frequency-stable timing elements in electronic circuits.
---
## 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 24.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Operating Temperature** | -40°C to +125°C |
| **Frequency Stability** | ±0.3% over temperature |
| **Load Capacitance** | Built-in (typically 15pF) |
| **Package Type** | SMD (Surface Mount Device) |
| **Package Dimensions** | 3.7mm x 3.1mm |
| **Series** | CSTCV (Automotive Grade) |
---
## 2. Key Internal Components
Unlike a simple two-terminal crystal, the CSTCV series integrates several functions into one package:
* **Ceramic Substrate:** Made from high-Q piezoelectric ceramic material that vibrates at a specific frequency when voltage is applied.
* **Built-in Load Capacitors:** This part features a "three-terminal" design. The center pin is grounded, and the two outer pins connect to the internal capacitors. This eliminates the need for external capacitors on your PCB, saving space.
* **Automotive Grade Construction:** The "Q" in the part number often signifies compliance with AEC-Q200 standards, meaning it is designed to withstand high vibrations and extreme temperatures.
---
## 3. Comparison: Ceramic Resonator vs. Quartz Crystal
It is important to understand where this part sits in the hierarchy of timing components:
| Feature | Ceramic Resonator (CSTCV) | Quartz Crystal (XTAL) |
| :--- | :--- | :--- |
| **Accuracy** | Moderate (±0.5%) | High (±0.001%) |
| **Start-up Time** | Very Fast | Slower |
| **Cost** | Lower | Higher |
| **Size** | Smaller (Internal caps) | Larger (External caps needed) |
| **Best Use Case** | Microcontrollers, USB, CAN | High-speed RF, RTC, GPS |
---
## 4. Typical Application Circuit
When using the CSTCV24M0X53Q-R0 with a microcontroller (MCU), the wiring is straightforward:
```text
MCU Pins CSTCV24M0X53Q-R0
__________ _________________
| | | (1) (2) (3) |
| OSC_IN |-----------|--[In] [Out]-|
| | | [Gnd] |
| OSC_OUT |-----------|----------|--------|
|__________| |
Ground
```
* **Pin 1 & 3:** Connected to the oscillator input/output of the IC.
* **Pin 2 (Center):** Connected directly to the system ground.
- ⤷
What are the advantages of built-in load capacitors in ceramic resonators?
- ⤷ Can this part be used in high-speed communication protocols like Ethernet?
- ⤷ What does the AEC-Q200 certification mean for this specific component?