AI

The **CSTCV25M0X51Q-R0** is a specific surface-mount ceramic resonator manufactured by **Murata Electronics**. It belongs to the **CERALOCK®** series and is primarily used to provide a stable clock signal for microcontrollers and other digital circuits.
---
### ## Technical Specifications
The following table outlines the key electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 25.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Built-in Load Capacitance** | 5 pF (Internal) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 3.7 x 3.1 mm |
| **Frequency Stability** | ±0.3% over temperature |
| **Resonant Impedance** | 50 $\Omega$ (Max) |
---
### ## Key Features & Construction
#### 1. Internal Load Capacitors
Unlike traditional quartz crystals that require two external capacitors (usually 15-30pF) to oscillate, the **CSTCV** series features **built-in load capacitors**. This reduces the component count on the PCB, saves space, and simplifies the circuit design.
#### 2. Ceramic Technology
Ceramic resonators utilize the mechanical resonance of piezoelectric ceramics. While they are slightly less accurate than quartz crystals, they offer:
* **Faster Start-up Time:** They reach stable oscillation faster than crystals.
* **Cost Efficiency:** Generally cheaper than high-precision crystals.
* **Small Form Factor:** The "V" in the part number indicates a specific small-profile SMD package.
#### 3. Automotive Grade
The "Q" in the suffix usually denotes that the part is qualified for high-reliability environments, often meeting automotive standards (AEC-Q200), allowing it to operate in extreme heat up to 125°C.
---
### ## Typical Application Circuit
In a standard microcontroller (MCU) setup, the resonator connects directly to the `OSC_IN` and `OSC_OUT` pins. Because the capacitors are internal, the center pin is connected to Ground (GND).
```mermaid
graph LR
MCU_OSC_IN --- Resonator_Pin1
GND --- Resonator_Pin2_Middle
MCU_OSC_OUT --- Resonator_Pin3
```
### ## Comparison: Resonator vs. Crystal
| Feature | Ceramic Resonator (CSTCV) | Quartz Crystal |
| :--- | :--- | :--- |
| **Precision** | Medium (±0.5%) | High (±0.001%) |
| **Components** | Integrated (3 pins) | External caps needed (2 pins) |
| **Start-up** | Very Fast | Slower |
| **Best Use** | General MCUs, USB, Consumer | Precision Timing, RTC, RF |
- ⤷
What are the differences between the CSTCV and CSTCE series from Murata?
- ⤷ Can this resonator be used in USB 2.0 applications that require high timing precision?
- ⤷ What is the recommended soldering profile for the CSTCV25M0X51Q-R0?