CSTCW33M0X51-R0
AI

## Overview of CSTCW33M0X51-R0
The **CSTCW33M0X51-R0** is a high-frequency ceramic resonator manufactured by **Murata Electronics**. It belongs to the **CERALOCK®** product line, which is widely used as a cost-effective alternative to quartz crystals for providing clock signals in microcontrollers and other digital circuits.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Frequency** | 33.0000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Resonant Impedance** | 60 $\Omega$ (Max) |
| **Built-in Load Capacitance** | 5 pF |
| **Operating Temperature** | -20°C to +80°C |
| **Package / Case** | SMD (Small Surface Mount Device), 2.5mm x 2.0mm |
| **Frequency Aging** | ±0.3% (over 10 years) |
---
### Key Electronic Features
#### 1. Built-in Load Capacitors
Unlike traditional 2-pin crystals that require external capacitors ($C_1$ and $C_2$) to form an oscillation circuit, this part is a **3-terminal device**. The load capacitors are integrated inside the ceramic package.
* **Pin 1:** Input
* **Pin 2:** Ground (Common)
* **Pin 3:** Output
* **Benefit:** Saves PCB space and reduces component count.
#### 2. Ceramic Technology
It utilizes the mechanical resonance of piezoelectric ceramics. While less precise than quartz (±0.5% vs. ±0.001% for quartz), ceramic resonators reach stable oscillation faster and are physically more robust against shock and vibration.
#### 3. Small Form Factor (CS Series)
The "W" in the part number indicates it is part of the small-cap series, measuring only **2.5 x 2.0 mm**. This makes it ideal for high-density consumer electronics.
---
### Typical Application Circuit
In a standard microcontroller (MCU) setup, the resonator connects directly to the `OSC_IN` and `OSC_OUT` pins.
```text
Microcontroller
+----------------+
| |
| OSC_IN OSC_OUT
+-----|-------|--+
| |
[Pin 1] [Pin 3]
+-------------------+
| CSTCW... |
+---------|---------+
[Pin 2]
|
Ground
```
---
### Common Use Cases
* **USB Controllers:** High-speed data transfer timing.
* **Microcontrollers:** Main clock source for general-purpose MCUs.
* **Consumer Electronics:** Remote stores, toys, and small appliances where extreme precision isn't required.
* **Industrial:** Basic logic timing for non-critical systems.
- ⤷
What is the difference in stability between this ceramic resonator and a 33MHz quartz crystal?
- ⤷ Can you explain the naming convention of Murata CERALOCK part numbers?
- ⤷ How do I calculate the power consumption of this resonator in a battery-powered circuit?