AI

### CSTCW40M0X51-R0: Component Overview
The **CSTCW40M0X51-R0** is a high-frequency **Ceramic Resonator** manufactured by **Murata Electronics**. It belongs to the CERALOCK® family and is commonly used in microcomputer peripheral circuits where a stable clock signal is required.
---
### Key Technical Specifications
The following table outlines the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 40.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.2% |
| **Capacitance (Built-in)** | 5 pF |
| **Operating Temperature Range** | -20°C to +80°C |
| **Package Type** | Surface Mount (SMD) |
| **Dimensions** | 2.5 x 2.0 mm (Lead-free) |
| **Series** | CSTCW (Small-cap type) |
---
### Core Electronic Characteristics
#### 1. Built-in Load Capacitors
Unlike traditional quartz crystals that require external load capacitors ($C_1$ and $C_2$) to form an oscillation circuit, the CSTCW series features **integrated capacitors**.
* **Benefit:** This reduces the component count on the PCB, saves space, and simplifies the design process for the Pierce oscillator circuit.
#### 2. Frequency Accuracy vs. Quartz
Ceramic resonators sit in a middle ground between RC (Resistor-Capacitor) oscillators and Quartz Crystals:
* **RC Oscillators:** Low cost, low accuracy.
* **CSTCW Resonator:** Moderate cost, moderate accuracy (0.5%).
* **Quartz Crystal:** Higher cost, high accuracy (0.001%).
#### 3. Start-up Time
One of the mechanical advantages of ceramic resonators is their **fast start-up time**. Because they have a lower Q-factor than crystals, they reach stable oscillation much faster, which is critical for power-saving modes in microcontrollers that wake up frequently.
---
### Typical Application Circuit
In a standard microcontroller (MCU) setup, the resonator is connected to the `OSC_IN` and `OSC_OUT` pins. Because the capacitors are internal, the center pin is connected to Ground (GND).
```mermaid
graph LR
MCU_OSC_IN --- Resonator_Pin1
GND --- Resonator_CenterPin
MCU_OSC_OUT --- Resonator_Pin3
```
### Common Use Cases
* **Consumer Electronics:** Handheld gaming devices, remote controls.
* **Peripherals:** USB high-speed hubs (where frequency tolerance allows).
* **Microcontrollers:** Clock generation for 8-bit to 32-bit MCUs in non-timing-critical applications (like simple logic control rather than real-time clocks).
---
- ⤷What is the difference between a ceramic resonator and a quartz crystal in terms of aging?
- ⤷ Can this part be used for high-speed USB communication applications?
- ⤷ How do the built-in capacitors affect the PCB layout requirements?