CT-48K140-R
AI

The **CT-48K140-R** is a specific electronic component, typically categorized as a **Current Transformer (CT)** used for monitoring and measuring alternating current (AC). These components are essential in power management, energy metering, and circuit protection.
### 1. Technical Specifications
The part number follows a standard nomenclature for industrial current sensors. Below are the typical specifications for this series:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Current Transformer (AC) |
| **Primary Current Rating** | 48A to 50A (nominal) |
| **Turns Ratio** | 1:1000 or 1:2500 (standard for the "K" series) |
| **Mounting Type** | PCB Mount (Through-hole) |
| **Enclosure** | Encapsulated / Potted |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Electronic Composition
The internal anatomy of the CT-48K140-R consists of several key electronic elements:
* **Toroidal Core:** Usually made of high-permeability Mu-metal or Silicon Steel. This core concentrates the magnetic field generated by the primary wire.
* **Secondary Winding:** Thousands of turns of fine copper wire (enameled) wrapped around the core. This converts the magnetic field back into a proportional, lower-level current.
* **Encapsulation:** The internal coils are housed in a plastic casing and filled with epoxy resin. This provides electrical insulation and protects against moisture and vibration.
* **Terminals:** Tin-plated pins designed for soldering directly into a Printed Circuit Board (PCB).
---
### 3. Application Circuit Example
To read the current from this part using a microcontroller (like an Arduino or ESP32), a "burden resistor" is required to convert the output current into a measurable voltage.
```cpp
// Basic logic for calculating Current from CT output
float getAmps(int pinValue) {
float voltage = (pinValue * 5.0) / 1024.0; // Convert ADC to voltage
float secondaryCurrent = voltage / BURDEN_RESISTOR;
float primaryCurrent = secondaryCurrent * TURNS_RATIO;
return primaryCurrent;
}
```
---
### 4. Key Functions
1. **Isolation:** It provides galvanic isolation between high-voltage AC lines and sensitive low-voltage control circuits.
2. **Current Scaling:** It steps down high currents to a level that can be safely processed by integrated circuits.
3. **Efficiency:** As a passive magnetic component, it consumes very little power during the sensing process.
- ⤷
What is the maximum frequency range for the CT-48K140-R?
- ⤷ How do I calculate the correct burden resistor value for this transformer?
- ⤷ What are the physical dimensions and pin spacing for PCB layout?