Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CT-48K240-R

  • AI
    The **CT-48K240-R** is a specific model of a **Dry Contact Output Module** (often associated with industrial automation systems like Delta Controls or similar building management systems). It is designed to interface between low-power control logic and high-power electrical loads. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this component class, here are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Output Type** | Dry Contact (Form A - Normally Open) | | **Relay Channels** | 48 Independent Channels | | **Max Voltage** | 240 VAC / 30 VDC | | **Max Current** | 10A (Resistive) per channel | | **Communication** | Often uses RS-485 or proprietary Bus protocol | | **Mounting** | DIN Rail or Panel Mount | --- ### 2. Core Electronic Components The device consists of several critical layers of electronic hardware: #### A. Relay Array (Electromechanical) The "heart" of the device is an array of 48 miniature relays. - **Isolation:** These provide galvanic isolation between the control signal (usually 5V or 24V DC) and the high-voltage load (240V AC). - **Dry Contact:** This means the module does not provide power to the output; it simply acts as a switch to "close" an external circuit. #### B. Driving Circuitry (Transistors/Optocouplers) Because a microcontroller cannot directly power a relay coil, internal driver stages are used: - **Flyback Diodes:** Protect the internal circuit from voltage spikes when the relay coils are de-energized. - **Opto-Isolators:** Many versions include optical isolation to further protect the logic board from electrical noise on the relay side. #### C. Logic Control & Communication - **Microcontroller (MCU):** Manages the addressing of the 48 channels. - **Shift Registers:** Used to expand the few I/O pins of the MCU to control all 48 relays individually. - **Status LEDs:** Usually, each channel has a Surface Mount (SMD) LED to indicate whether the relay is energized. --- ### 3. Application Use Cases This part is typically used in large-scale automation where many discrete devices need to be toggled: 1. **Lighting Control:** Switching banks of 240V lights on/off. 2. **HVAC Systems:** Activating fans, dampers, or pumps. 3. **Industrial Logic:** Interfacing a PLC (Programmable Logic Controller) with high-voltage machinery. --- ### 4. Safety and Wiring Considerations - **Load Limits:** While rated for 240V, inductive loads (like motors) create high "inrush" currents. It is common practice to de-rate the relays or use external contactors for heavy motors. - **Termination:** The "R" suffix often denotes a specific terminal block style (e.g., removable headers) for easier maintenance.
    ✨ Follow-up Questions
    • ⤷ What is the power consumption of the CT-48K240-R when all 48 relays are active?
    • ⤷ How does dry contact wiring differ from wet contact wiring in this module?
    • ⤷ Can this module be controlled via Modbus RTU protocol?