CT-5E-R/Q
AI

The **CT-5E-R/Q** is a specific model within the **CT-5 series** of sub-miniature, single-turn cermet trimming potentiometers (trimmers), commonly manufactured by companies like Nidec Components (formerly Copal Electronics).
---
## 1. Technical Specifications
The "R/Q" suffix usually refers to the packaging style (taping/reel orientation). Below are the core electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Resistance Range** | 10 $\Omega$ to 2 M$\Omega$ |
| **Resistance Tolerance** | ± 10% |
| **Power Rating** | 0.25 W (at 70°C) |
| **Temperature Coefficient** | ± 100 ppm/°C |
| **Maximum Input Voltage** | 200 V (DC or AC rms) |
| **Rotation Angle** | 210° (Mechanical: 240°) |
| **Mounting Type** | Through-hole |
---
## 2. Component Structure
The CT-5E-R/Q is composed of several critical electronic and mechanical layers:
### A. Resistive Element (Cermet)
The "heart" of the component is a **Cermet** (Ceramic-Metal) track. Cermet is preferred in electronic design because it offers high stability, low noise, and excellent heat resistance compared to carbon film.
### B. Wiper Assembly
The wiper is the moving contact that slides across the cermet track. In the CT-5 series, these are typically precious metal multi-contact wipers to ensure low contact resistance variation (CRV).
### C. Housing (Sealing)
The "E" in the part number often signifies a top-adjustment style with a sealed construction.
* **Sealing:** These units are typically **washable** (IP67 equivalent), meaning they can withstand board washing processes after soldering without fluid entering the internal mechanism.
---
## 3. Circuit Application
In an electronic circuit, the CT-5E-R/Q is used as a variable resistor or a voltage divider.
```cpp
// Typical Voltage Divider Configuration
// [Pin 1] ---- [Pin 2 (Wiper)] ---- [Pin 3]
// Vin Vout GND
Vout = Vin * (R2_3 / (R1_2 + R2_3))
```
---
## 4. Part Number Breakdown (Suffix Meaning)
* **CT-5:** Series name (Sub-miniature single turn).
* **E:** Top adjustment style.
* **R/Q:** These relate to **Taping Orientation**.
* **R:** Specifies the orientation of the leads relative to the feed holes in the tape.
* **Q:** Often denotes a specific quantity per reel or a variant in the ammo pack/reel packaging standard.
---
- ⤷What is the difference between Cermet and Carbon trimmers in terms of longevity?
- ⤷ Can the CT-5E series be used for high-frequency signal tuning?
- ⤷ What are the specific footprint dimensions for the CT-5E-R through-hole pattern?